Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5461GUL Datasheet(PDF) 8 Page - Rohm

Part # BD5461GUL
Description  Analog Input Monaural Class-D Speaker Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5461GUL Datasheet(HTML) 8 Page - Rohm

Back Button BD5461GUL Datasheet HTML 4Page - Rohm BD5461GUL Datasheet HTML 5Page - Rohm BD5461GUL Datasheet HTML 6Page - Rohm BD5461GUL Datasheet HTML 7Page - Rohm BD5461GUL Datasheet HTML 8Page - Rohm BD5461GUL Datasheet HTML 9Page - Rohm BD5461GUL Datasheet HTML 10Page - Rohm BD5461GUL Datasheet HTML 11Page - Rohm BD5461GUL Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical Note
8/16
BD5461GUL
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
The way of evaluating Audio characteristic
Evaluation Circuit Diagram
When measuring Audio characteristics, insert LC filter during the output terminal of IC and the speaker load and measure it.
Arrange LC filter as close as possible to the output terminal of IC.
In case of L=22μH, C=1μF, the cutoff frequency becomes the following.
Use a big current type - Inductor L.
(Reference)
TDK: SLF12575T-220M4R0
STBY
IN+
IN-
OUT-
OUT+
Bias
OSC
PWM
H-
Bridge
0.1μ
0.1μ
Differential
Input
H:Active
L:Shutdown
Audio
Input+
Audio
Input-
GND
PGND
VDD
PVDD
10μ
C2
A1
C1
A3
C3
0.1μ
VDD
VDD
C2
C1
C3
A2
B3
C4
B1
300k
B2
Ri=75k
Ri=75k
22μH
22μH
1μF
1μF
RL BTL
Audio
Precision
etc
RL=Speaker Load
Measument Instrumen
+
-
kHz
34
μF
1
μH
22
π
2
1
LC
π
2
1
fc


Similar Part No. - BD5461GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results

Similar Description - BD5461GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com