Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5461GUL-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD5461GUL-E2
Description  Analog Input Monaural Class-D Speaker Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5461GUL-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD5461GUL-E2 Datasheet HTML 2Page - Rohm BD5461GUL-E2 Datasheet HTML 3Page - Rohm BD5461GUL-E2 Datasheet HTML 4Page - Rohm BD5461GUL-E2 Datasheet HTML 5Page - Rohm BD5461GUL-E2 Datasheet HTML 6Page - Rohm BD5461GUL-E2 Datasheet HTML 7Page - Rohm BD5461GUL-E2 Datasheet HTML 8Page - Rohm BD5461GUL-E2 Datasheet HTML 9Page - Rohm BD5461GUL-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Note
6/16
BD5461GUL
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Evaluation board Parts List
Qty.
Item
Description
SMD Size
Manufacturer/
Part Number
2
C1, C2
Capacitor, 0.1μF
0603
Murata
GRM188R71C104KA01D
1
C3
Capacitor, 10μF
A (3216)
ROHM
TCFGA1A106M8R
1
S1
Slide Switch
4mm X 10.2mm
NKK
SS-12SDP2
1
U1
IC, BD5461GUL,
Mono Class-D audio amplifier
1.6mm X 1.6mm
WL-CSP Package
ROHM
BD5461GUL
1
PCB1
Printed-circuit board,
BD5460GUL EVM
Description of External components
Input coupling capacitor (C1,C2)
It makes a Input coupling capacitor 0.1µF.
Input impedance is 75kΩ (Typ.).
It sets cutoff frequency fc by the following formula by input coupling capacitor C1(=C2) and input impedance Ri.
In case of Ri=75kΩ, C1 (=C2)=0.1µF, it becomes fc = about 21 Hz.
Power decoupling capacitor (C3)
It makes a power decoupling capacitor 10 µF.
When making capacitance of the power decoupling capacitor, there is an influence in the Audio characteristic.
When making small, careful for the Audio characteristic at the actual application.
[Hz]
1
C
Ri
π
2
1
fc


Similar Part No. - BD5461GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results

Similar Description - BD5461GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com