Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI30-150-Q48N-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # UEI30-150-Q48N-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI30-150-Q48N-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  UEI30-150-Q48N-C Datasheet HTML 1Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 2Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 3Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 4Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 5Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 6Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 7Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 8Page - Murata Power Solutions Inc. UEI30-150-Q48N-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
MECHANICAL SPECIFICATIONS
14 Dec 2009
MDC_UEI Series 30W.A13_long Page 3 of 16
PHYSICAL CHARACTERISTICS
Pin material
Copper alloy with gold plate over nickel
underplate
Pin diameter
0.04" (1.016mm)
Pin Finish
Gold plate
Weight
0.53 oz (15g)
Electromagnetic interference
EN55022/CISPR22 (requires external filter)
Flammability Rating
UL 94V-0
Safety
Designed to meet IEC/EN/UL/cUL 60950-1,
CSA-C22.2 No. 60950-1
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
INPUT/OUTPUT CONNECTIONS
Pin
Function P21
Pin
Function P21
1
+ Vin
4
+ Vout
2
- Vin
5
- Vout
3
Remote On/Off*
6
Trim
* The Remote On/Off can be provided with either positive (P suffix) or negative
(N suffix) polarity.
0.35
(8.9)
0.25
(6.4)
REF
0.900
(22.86)
0.400
(10.16)
0.100 (2.54)
.0300 (7.62)
0.300 (7.62)
.0400
(10.16)
TOP VIEW
PIN #1
1.92
(48.8)
0.92
(23.4)
0.040
0.002 PIN WITH
0.071
0.002 SHOULDER
6X AT PINS 1-6
MOUNTING PLANE
SIDE VIEW
END VIEW
CL
BOTTOM VIEW
CL
#3
#5
#1
#2
#4
#6
CL
1.800
(45.72)
UEI30 Open Frame
30W
Package C80


Similar Part No. - UEI30-150-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-150-Q48N-C MURATA-UEI30-150-Q48N-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-150-Q48N-C MURATA-PS-UEI30-150-Q48N-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-150-Q48N-C MURATA-UEI30-150-Q48N-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-150-Q48N-C MURATA-PS-UEI30-150-Q48N-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-150-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com