Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI30-050-Q12P-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # UEI30-050-Q12P-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI30-050-Q12P-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  UEI30-050-Q12P-C Datasheet HTML 1Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 2Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 3Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 4Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 5Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 6Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 7Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 8Page - Murata Power Solutions Inc. UEI30-050-Q12P-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
14 Dec 2009
MDC_UEI Series 30W.A13_long Page 5 of 16
MISCELLANEOUS CHARACTERISTICS
Model Family
Output Current
Limit Inception
Output
Short
Circuit
Protection
Method
Output
Short
Circuit
Current
Output Short
Circuit Duration
(output shorted
to ground)
Output
Pre-biased
setup
Operating Temperature
Range
Storage
temperature
range
Thermal
protection/
shutdown
Relative
Humidity,
non-
condensing
98% of VOUT,
after warmup
A
A
ºC
ºC
ºC
UEI30-033-Q12P-C
11.5
Current
limiting,
hiccup
auto
restart
0.3 max.
Continuous
Monotonic
(external
VOUT < VSET)
–40 to +85ºC;
with Derating
(see Notes)
–55 to 125ºC
115
To +85ºC/
85% RH
UEI30-033-Q48N-C
11.2
0.3 max.
UEI30-050-Q12P-C
7.9
3.0
UEI30-050-Q48N-C
7.0
0.3 max.
UEI30-120-Q12P-C
4.1
1.5
UEI30-120-Q48N-C
3.65
0.75
UEI30-150-Q12P-C
3.0
0.5
UEI30-150-Q48N-C
3.25
0.1 max.
DYNAMIC CHARACTERISTICS
Model Family
Dynamic Load
Response
(50-75-50%
load step)
Start-up Time
Switching
Frequency
VIN to VOUT
regulated
(Max.)
Remote On/Off
to VOUT
regulated (Max.)
μsec
mSec
mSec
KHz
UEI30-033-Q12P-C
120 to 2%
50
50
275
UEI30-033-Q48N-C
180 to 2%
280
UEI30-050-Q12P-C
80 to 2%
275
UEI30-050-Q48N-C
100 to 1%
275
UEI30-120-Q12P-C
200 to 1%
275
UEI30-120-Q48N-C
150 to 1%
275
UEI30-150-Q12P-C
150 to 1%
275
UEI30-150-Q48N-C
150 to 1%
275
ISOLATION CHARACTERISTICS
Model Family
Input to
Output.
Isolation
Resistance
Isolation
Capacitance Insulation Safety
Rating
Min
Min
VDC
pF
UEI30-033-Q12P-C
2000
10
1000
Basic
UEI30-033-Q48N-C
2250
1000
UEI30-050-Q12P-C
2000
1000
UEI30-050-Q48N-C
2250
1000
UEI30-120-Q12P-C
2000
1500
UEI30-120-Q48N-C
2250
1500
UEI30-150-Q12P-C
2000
1500
UEI30-150-Q48N-C
2250
2000
Specification Notes:
(1) All models are tested and specified with external 1 μF and 10 μF parallel output capacitors and a
22 μF external input capacitor. All capacitors are low ESR types. These capacitors are necessary to
accommodate our test equipment and may not be required to achieve specified performance in your
applications. All models are stable and regulate within spec under no-load conditions.
All specifications are typical unless noted. General conditions for Specifications are +25 deg.C,
Vin=nominal, Vout=nominal, full load. Adequate airflow must be supplied for extended testing under
power.
(2) Input Back Ripple Current is tested and specified over a 5 Hz to 20 MHz bandwidth. Input filtering
is Cin=33 μF, 100V, Cbus=220 μF, 100V, Lbus=12 μH.
(3) Note that Maximum Power Derating curves indicate an average current at nominal input voltage.
At higher temperatures and/or lower airflow, the DC/DC converter will tolerate brief full current
outputs if the total RMS current over time does not exceed the Derating curve. All Derating curves
are presented at sea level altitude. Be aware of reduced power dissipation with increasing density
altitude.
(4) Refer to page 10 for MTBF values.
(5) The On/Off Control is normally selected by a switch or an open collector or open drain transistor.
But it may also be driven with external logic or by applying appropriate external voltages which are
referenced to Input Common and do not exceed the On/Off voltage specifications.
(6) Output current limiting begins when the output voltage degrades approximately 2% from the
selected setting.
(7) The outputs are not intended to sink appreciable reverse current.
(8) Output noise may be further reduced by adding an external filter. Low voltage logic circuits may
have a small voltage margin between logic ZERO and logic ONE, requiring noise suppression. Use
only as much output filtering as needed to achieve your noise requirements. Excessive output
capacitance can retard transient response or possibly cause instability. Low ESR ceramic capacitors
may degrade dynamic performance. Be sure to thoroughly test your system under full load with all
components installed.
(9) All models are fully operational and meet published specifications, including “cold start” at –40°C.
(10) Regulation specifications describe the deviation as the line input voltage or output load current is
varied from a nominal midpoint value to either extreme.
(11) The output overvoltage protection is automatic recovery. The overvoltage may occur either from
internal failure or from an external forcing voltage as in a shared power system.
(12) Output overvoltage and short circuit protection is non-latching. When the overvoltage fault is
removed, the converter will immediately recover. After an output overcurrent or short circuit, “hiccup”
operation repeatedly attempts to restart the converter with a brief, full-current output. If the overcur-
rent condition still exists, the restart current will be removed and then tried again. This short current
pulse prevents overheating and damaging the converter. Once the fault is removed, the converter
immediately resumes normal operation.
(13) Do not exceed maximum power specifications when adjusting the output trim.
(14) At zero output current, the output may contain low frequency components which exceed the
ripple specification. The output may be operated indefinitely with no load.
(15) If reverse polarity is accidentally applied to the input, to ensure reverse input protection with full
output load, always connect an external input fuse in series with the +Vin input. Use approximately
twice the full input current rating with nominal input voltage.
CAUTION: This product is not internally fused. To comply with safety agency certifications and to
avoid injury to personnel or equipment, the user must connect an external fast-blow fuse to the input
terminals. See fuse information.


Similar Part No. - UEI30-050-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-050-Q12P-C MURATA-UEI30-050-Q12P-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-050-Q12P-C MURATA-UEI30-050-Q12P-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-050-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com