Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5444EFV Datasheet(PDF) 9 Page - Rohm

Part # BD5444EFV
Description  Analog Input / Single End Output Class-D Speaker Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5444EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD5444EFV Datasheet HTML 5Page - Rohm BD5444EFV Datasheet HTML 6Page - Rohm BD5444EFV Datasheet HTML 7Page - Rohm BD5444EFV Datasheet HTML 8Page - Rohm BD5444EFV Datasheet HTML 9Page - Rohm BD5444EFV Datasheet HTML 10Page - Rohm BD5444EFV Datasheet HTML 11Page - Rohm BD5444EFV Datasheet HTML 12Page - Rohm BD5444EFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Technical Note
9/31
BD5445EFV
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
30
35
40
TOTAL OUTPUT POWER(W)
Vcc=24V
RL=8Ω
fin=1kHz
●Typical Characteristics Data (BTL) Measured on ROHM’s evaluation board.
Fig.28
Total output power-Current consumption (RL=8Ω)


Similar Part No. - BD5444EFV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD544 POINN-BD544 Datasheet
84Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD544 TRSYS-BD544 Datasheet
422Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD544 ISC-BD544 Datasheet
121Kb / 2P
   isc Silicon PNP Power Transistors
logo
Foshan Blue Rocket Elec...
BD544 FOSHAN-BD544 Datasheet
887Kb / 7P
   Silicon PNP transistor in a TO-220 Plastic Package.
More results

Similar Description - BD5444EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com