Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGP30F Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # UGP30F
Description  SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGP30F Datasheet(HTML) 1 Page - Zowie Technology Corporation

  UGP30F Datasheet HTML 1Page - Zowie Technology Corporation UGP30F Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
UGP30A THRU UGP30K
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Ultrafast recovery time for high efficiency
* Low forward voltage , high current capability
* Low leakage current
* High surge current capability
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-201AD molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.04 ounes , 1.12 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
trr
CJ
R JA
TJ,TSTG
UGP30
B
D
F
G
J
K
100
200
300
400
600
800
3.0
125
115
0.95
1.25
1.7
2.2
5
120
35
35
20
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
70
140
210
280
420
560
Volts
Maximum DC blocking voltage
VDC
100
A
50
35
50
200
300
400
600
800
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
Zowie Technology Corporation
REV. : 0
DO-201AD
*Dimensions in inches and (millimeters)
PATEN
TED
PATEN
TED
TM
0.210(5.3)
0.052(1.3)
0.048(1.2)
0.190(4.8)
DIA.
DIA.


Similar Part No. - UGP30F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
UGP30F BILIN-UGP30F Datasheet
65Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UGP30F LUGUANG-UGP30F Datasheet
177Kb / 2P
   Super Fast Rectifiers
logo
Leshan Radio Company
UGP30F LRC-UGP30F Datasheet
332Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
logo
Diode Semiconductor Kor...
UGP30F DSK-UGP30F Datasheet
282Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - UGP30F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP50D ZOWIE-UGP50D Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP15A ZOWIE-UGP15A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGP20A ZOWIE-UGP20A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50D ZOWIE-EGP50D Datasheet
56Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com