Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5423MUV Datasheet(PDF) 4 Page - Rohm

Part # BD5423MUV
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5423MUV Datasheet(HTML) 4 Page - Rohm

  BD5423MUV_10 Datasheet HTML 1Page - Rohm BD5423MUV_10 Datasheet HTML 2Page - Rohm BD5423MUV_10 Datasheet HTML 3Page - Rohm BD5423MUV_10 Datasheet HTML 4Page - Rohm BD5423MUV_10 Datasheet HTML 5Page - Rohm BD5423MUV_10 Datasheet HTML 6Page - Rohm BD5423MUV_10 Datasheet HTML 7Page - Rohm BD5423MUV_10 Datasheet HTML 8Page - Rohm BD5423MUV_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BD5423MUV
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=10V
RL=8Ω
fin=1kHz
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=12V
RL=8Ω
fin=1kHz
0
1
2
3
0
5
10
15
20
25
30
35
40
TOTAL OUTPUT POWER (W)
Vcc=10V
Vcc=12V
Vcc=16.5V
RL=8Ω
fin=1kHz
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=16.5V
RL=8Ω
fin=1kHz
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
Vcc=12V
RL=8Ω
無信号時
BW=20~20kHz
0
10
20
30
40
50
60
70
80
90
100
8
10
121416
18
VCC (V)
Sampling
Mute
RL=8Ω
無信号時
Electrical characteristic curves (Reference data) – Continued
Fig. 7 Efficiency - Output power
Fig. 8 Efficiency - Output power
Fig. 9 Efficiency - Output power
Fig. 10 Current consumption - Output power
Fig. 11 Current consumption - Power supply voltage
Fig. 12 FFT of Output Noise Voltage
Without signal
Without signal


Similar Part No. - BD5423MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423MUV ROHM-BD5423MUV Datasheet
485Kb / 17P
   17W17W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5423MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com