Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5015PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH5015PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5015PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5015PBF Datasheet HTML 1Page - International Rectifier IRFH5015PBF Datasheet HTML 2Page - International Rectifier IRFH5015PBF Datasheet HTML 3Page - International Rectifier IRFH5015PBF Datasheet HTML 4Page - International Rectifier IRFH5015PBF Datasheet HTML 5Page - International Rectifier IRFH5015PBF Datasheet HTML 6Page - International Rectifier IRFH5015PBF Datasheet HTML 7Page - International Rectifier IRFH5015PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01/22/2010
IRFH5015PbF
HEXFET® Power MOSFET
Notes
 through … are on page 8
PD - 97446
www.irf.com
1
PQFN 5X6 mm
Applications
Primary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
BoostConverters
Note
Form
Quantity
IRFH5015TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5015TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
Orderable part number
Package Type
Standard Pack
Features and Benefits
Features
Benefits
Low RDSon (< 31 m
Ω)
Lower Conduction Losses
Low Thermal Resistance to PCB (<0.5°C/W)
Increased Power Density
100% Rg tested
Increased Reliability
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
VDS
150
V
RDS(on) max
(@VGS = 10V)
31
m
Qg (typical)
33
nC
RG (typical)
1.7
ID
(@Tc(Bottom) = 25°C)
56
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
10
36
220
± 20
150
8.2
56
-55 to + 150
3.6
0.029
250


Similar Part No. - IRFH5015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5015PBF IRF-IRFH5015PBF Datasheet
278Kb / 9P
   Primary Side Synchronous Rectification
IRFH5015PBF IRF-IRFH5015PBF_15 Datasheet
278Kb / 9P
   Primary Side Synchronous Rectification
More results

Similar Description - IRFH5015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com