Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5007PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH5007PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5007PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5007PBF Datasheet HTML 1Page - International Rectifier IRFH5007PBF Datasheet HTML 2Page - International Rectifier IRFH5007PBF Datasheet HTML 3Page - International Rectifier IRFH5007PBF Datasheet HTML 4Page - International Rectifier IRFH5007PBF Datasheet HTML 5Page - International Rectifier IRFH5007PBF Datasheet HTML 6Page - International Rectifier IRFH5007PBF Datasheet HTML 7Page - International Rectifier IRFH5007PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
03/12/10
IRFH5007PbF
HEXFET® Power MOSFET
Notes
 through † are on page 8
PD -95958
Features and Benefits
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
Features
Benefits
PQFN 5X6 mm
Note
Form
Quantity
IRFH5007TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5007TR2PBF
PQFN 5mm x 6mm
Tape and Reel
1000
Orderable part number
Package Type
Standard Pack
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V h
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current c
PD @TA = 25°C
Power Dissipation
g
PD @ TC(Bottom) = 25°C
Power Dissipation g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
17
88
400
±20
75
13
100
-55 to + 150
3.6
0.029
250
VDS
75
V
RDS(on) max
(@VGS = 10V)
5.9
m
Qg (typical)
65
nC
RG (typical)
1.2
ID
(@Tc(Bottom) = 25°C)
100h
A
Low RDSon (≤ 5.9mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 0.5°C/W)
Enables Better Thermal Dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability


Similar Part No. - IRFH5007PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5007PBF IRF-IRFH5007PBF Datasheet
274Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5007PBF IRF-IRFH5007PBF_15 Datasheet
274Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5007PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com