Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM109-015SD Datasheet(PDF) 11 Page - International Rectifier

Part # IRAM109-015SD
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM109-015SD Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAM109-015SD Datasheet HTML 7Page - International Rectifier IRAM109-015SD Datasheet HTML 8Page - International Rectifier IRAM109-015SD Datasheet HTML 9Page - International Rectifier IRAM109-015SD Datasheet HTML 10Page - International Rectifier IRAM109-015SD Datasheet HTML 11Page - International Rectifier IRAM109-015SD Datasheet HTML 12Page - International Rectifier IRAM109-015SD Datasheet HTML 13Page - International Rectifier IRAM109-015SD Datasheet HTML 14Page - International Rectifier IRAM109-015SD Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IRAM109-015SD
www.irf.com
11
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Phase Current - A
RMS
F
PWM = 12kHz
F
PWM = 16kHz
F
PWM = 20kHz
T
C is limited to 100º C
Figure 9. Maximum Allowable Case Temperature vs. Output RMS Current per Phase
Sinusoidal Modulation, V
+=360V, T
J=150°C, Modulation Depth=0.8, PF=0.6
115.8
70
80
90
100
110
120
130
140
150
160
70
75
80
85
90
95
100
105
110
115
120
Internal Therm istor Tem perature Equivalent Read Out - °C
T
J avg = 1.27 x TT herm + 3.09
Figure 10. Estimated Maximum MOSFET Junction Temperature vs. Thermistor Temperature


Similar Part No. - IRAM109-015SD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-0461G IRF-IRAM136-0461G Datasheet
371Kb / 20P
   iMOTION??Series 4A, 600V Plug N DriveTM Integrated Power Module for Energy Efficient Motor Drives
IRAM136-0461G IRF-IRAM136-0461G Datasheet
372Kb / 20P
   Internal Rectifier Diode Bridge
IRAM136-0461G IRF-IRAM136-0461G_15 Datasheet
372Kb / 20P
   Internal Rectifier Diode Bridge
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
More results

Similar Description - IRAM109-015SD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com