Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-050-Q12 Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # UEI15-050-Q12
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UEI15-050-Q12 Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button UEI15-050-Q12 Datasheet HTML 6Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 7Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 8Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 9Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 10Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 11Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 12Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 13Page - Murata Power Solutions Inc. UEI15-050-Q12 Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
20 Apr 2010
MDC_UEI15W.B37 Page 11 of 14
disabled when the On/Off is grounded or brought to within a low voltage (see
Specifications) with respect to –VIN.
Negative-polarity devices are on (enabled) when the On/Off is grounded or
brought to within a low voltage (see Specifications) with respect to –VIN. The
device is off (disabled) when the On/Off is left open or is pulled high to +15VDC
max. with respect to –VIN.
Dynamic control of the On/Off function should be able to sink appropriate
signal current when brought low and withstand appropriate voltage when
brought high. Be aware too that there is a finite time in milliseconds (see
Specifications) between the time of On/Off Control activation and stable,
regulated output. This time will vary slightly with output load type and current
and input conditions.
There are three CAUTIONs for the On/Off Control:
CAUTION: To retain full output circuit isolation, control the On/Off from the in-
put side ONLY. If you must control it from circuits in the output, use some form
of optoisolation to the On/Off Control. This latter condition is unlikely because
the device controlling the On/Off would have to remain powered on and not be
powered from the converter.
CAUTION: While it is possible to control the On/Off with external logic if you
carefully observe the voltage levels, the preferred circuit is either an open
drain/open collector transistor, a switch or a relay (which can thereupon be
controlled by logic).
CAUTION: Do not apply voltages to the On/Off pin when there is no input
power voltage. Otherwise the converter may be permanently damaged.
Figure 7 – Driving the On/Off Control Pin (suggested circuit)
ON/OFF CONTROL
CONTROL
+ Vcc
-INPUT
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Your production environment may dif-
fer; therefore please thoroughly review these guidelines with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds
On/Off Enable Control Ground Bounce Protection
To improve reliability, if you use a small signal transistor or other external
circuit to select the Remote On/Off control, make sure to return the LO side
directly to the –Vin power input on the DC/DC converter. To avoid ground
bounce errors, do not connect the On/Off return to a distant ground plane or
current-carrying bus. If necessary, run a separate small return wire directly to
the –Vin terminal. There is very little current (typically 1-5 mA) on the On/Off
control however, large current changes on a return ground plane or ground bus
can accidentally trigger the converter on or off. If possible, mount the On/Off
transistor or other control circuit adjacent to the converter.
Figure 8 – On/Off Enable Control Ground Bounce Protection
Preferred location
of On/Off control
adjacent to -Vin
terminal
DC/DC Converter
Install separate
return wire for
On/Off control
with remote
transistor
On/Off
Control
Transistor
Do not connect
control transistor
through remote
power bus
Ground plane or power return bus
+ Vin
On/Off Enable
-Vin return


Similar Part No. - UEI15-050-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-050-Q12 MURATA-UEI15-050-Q12 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-050-Q12 MURATA-PS-UEI15-050-Q12 Datasheet
2Mb / 17P
   Isolated Wide Input Range 15-Watt DC-DC Converters
2022
logo
Murata Manufacturing Co...
UEI15-050-Q12N-C MURATA-UEI15-050-Q12N-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15-050-Q12P-C MURATA-UEI15-050-Q12P-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15-050-Q12P-C MURATA-UEI15-050-Q12P-C Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-050-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com