Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0565RLDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSGM0565RLDTU
Description  Green-Mode Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0565RLDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSGM0565RLDTU Datasheet HTML 1Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 2Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 3Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0565R • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VSTR
VSTR Pin Voltage
650
V
VDS
Drain Pin Voltage
650
V
VCC
VCC Pin Voltage
26
V
VFB
Feedback Pin Voltage
-0.3
12
V
IDM
Drain Current Pulsed
11
A
IDS
Continuous Switching Drain Current
(6)
TC=25°C
5.6
A
TC=100°C
3.4
A
EAS
Single Pulsed Avalanche Energy
(7)
295
mJ
PD
Total Power Dissipation (TC=25°C)
(8)
45
W
TJ
Maximum Junction Temperature
+150
°C
Operating Junction Temperature
(9)
-40
+125
°C
TSTG
Storage Temperature
-55
+150
°C
VISO
Minimum Isolation Range
(10)
2.5
V
ESD
Electrostatic
Discharge Capability
Human Body Model, JESD22-A114
2
kV
Charged Device Model, JESD22-C101
2
Notes:
6.
Repetitive peak switching current when the inductive load is assumed: Limited by maximum duty (DMAX=0.75)
and junction temperature (see Figure 4).
7.
L=45mH, starting TJ=25°C.
8.
Infinite cooling condition (refer to the SEMI G30-88).
9.
Although this parameter guarantees IC operation, it does not guarantee all electrical characteristics.
10. The voltage between the package back side and the lead is guaranteed.
Figure 4. Repetitive Peak Switching Current
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Impedance
(11)
62.5
°C/W
θJC
Junction-to-Case Thermal Impedance
(12)
3
°C/W
Notes:
11. Infinite cooling condition (refer to the SEMI G30-88).
12. Free standing with no heat-sink under natural convection.


Similar Part No. - FSGM0565RLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0565RLDTU ONSEMI-FSGM0565RLDTU Datasheet
505Kb / 18P
   Green-Mode Power Switch
June, 2019 ??Rev. 2
More results

Similar Description - FSGM0565RLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com