Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0565RWDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSGM0565RWDTU
Description  Green-Mode Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0565RWDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSGM0565RWDTU Datasheet HTML 2Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 3Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0565RWDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0565R • Rev. 1.0.2
6
Electrical Characteristics (Continued)
TJ = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Total Device Section
IOP
Operating Supply Current,
(Control Part in Burst Mode)
VCC = 14V, VFB = 0V
1.2
1.6
2.0
mA
IOPS
Operating Switching Current,
(Control Part and SenseFET Part)
VCC = 14V, VFB = 4V
2.0
2.5
3.0
mA
ISTART
Start Current
VCC = 11V (Before VCC
Reaches VSTART)
0.5
0.6
0.7
mA
ICH
Startup Charging Current
VCC = VFB = 0V, VSTR = 40V
1.00
1.15
1.30
mA
VSTR
Minimum VSTR Supply Voltage
VCC = VFB = 0V, VSTR Sweep
26
V
Notes:
13. Although these parameters are guaranteed, they are not 100% tested in production.
14. tLEB includes gate turn-on time.
Comparison of FSDM0565RE and FSGM0565R
Function
FSDM0565RE
FSGM0565R
Advantages of FSGM0565R
Burst Mode
Advanced Burst
Advanced Soft Burst Low noise and low standby power
Lightning Surge
Strong
Enhanced SenseFET and controller against
lightning surge
Soft-Start
10ms (Built-in)
15ms (Built-in)
Longer soft-start time
Protections
OLP
OVP
TSD
OLP
OVP
OSP
AOCP
TSD with Hysteresis
Enhanced protections and high reliability
Power Balance
Long TCLD
Very Short TCLD
The difference of input power between the low
and high input voltage is quite small.


Similar Part No. - FSGM0565RWDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0565RWDTU ONSEMI-FSGM0565RWDTU Datasheet
505Kb / 18P
   Green-Mode Power Switch
June, 2019 ??Rev. 2
More results

Similar Description - FSGM0565RWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com