Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4744 Datasheet(PDF) 6 Page - Rohm

Part # BD4744
Description  Bipolar Voltage Detector ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4744 Datasheet(HTML) 6 Page - Rohm

  BD4744 Datasheet HTML 1Page - Rohm BD4744 Datasheet HTML 2Page - Rohm BD4744 Datasheet HTML 3Page - Rohm BD4744 Datasheet HTML 4Page - Rohm BD4744 Datasheet HTML 5Page - Rohm BD4744 Datasheet HTML 6Page - Rohm BD4744 Datasheet HTML 7Page - Rohm BD4744 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Technical Note
6/7
BD47
□□G series
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
 Operation Notes
1.
Absolute maximum range
Absolute Maximum Ratings are those values beyond which the life of a device may be destroyed. We cannot be defined the
failure mode, such as short mode or open mode. Therefore a physical security countermeasure, like fuse, is to be given
when a specific mode to be beyond absolute maximum ratings is considered.
2.
GND potential
GND terminal should be a lowest voltage potential every state. Please make sure all pins, which are over ground even if,
include transient feature.
3.
Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
4.
Bypass Capacitor for Noise Rejection
Please put into the capacitor between VCC pin and GND, to reject noise. If extremely big capacitor is used, transient
response might be late. Please confirm sufficiently for the point.
5.
Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and VCC pin, Output pin and GND pin, or VCC pin and GND pin. When soldering the
IC on circuit board, please be unusually cautious about the orientation and the position of the IC. When the orientation is
mistaken the IC may be destroyed.
6.
This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might cause
unexpected operations. Application values in these conditions should be selected carefully. If the leakage is assumed
between the VOUT terminal and the GND terminal, the pull-up resistor should be less than 1/10 of the assumed leak
resistance.
7.
External parameters
The recommended parameter range for RL is 2k
Ω~1MΩ. There are many factors (board layout, etc) that can affect
characteristics. Please verify and confirm using practical applications.
8.
Power on reset operation
Please note that the power on reset output varies with the Vcc rise up time. Please verify the actual operation.
9.
Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC. Therefore, be
certain to use proper discharge procedure before each process of the test operation.
To prevent electrostatic accumulation and discharge in the assembly process, thoroughly ground yourself and any
equipment that could sustain ESD damage, and continue observing ESD-prevention procedures in all handing, transfer
and storage operations. Before attempting to connect components to the test setup, make certain that the power supply is
OFF. Likewise, be sure the power supply is OFF before removing any component connected to the test setup.
10.
When the power supply, is turned on because of in certain cases, momentary Rash-current flow into the IC at the logic
unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Similar Part No. - BD4744

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4744 ROHM-BD4744 Datasheet
175Kb / 6P
   System Reset IC
BD4744 ROHM-BD4744 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
BD4744 ROHM-BD4744 Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4744 ROHM-BD4744 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4744 ROHM-BD4744 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4744

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com