Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD47XXG Datasheet(PDF) 7 Page - Rohm

Part # BD47XXG
Description  Bipolar Voltage Detector ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD47XXG Datasheet(HTML) 7 Page - Rohm

  BD47XXG Datasheet HTML 1Page - Rohm BD47XXG Datasheet HTML 2Page - Rohm BD47XXG Datasheet HTML 3Page - Rohm BD47XXG Datasheet HTML 4Page - Rohm BD47XXG Datasheet HTML 5Page - Rohm BD47XXG Datasheet HTML 6Page - Rohm BD47XXG Datasheet HTML 7Page - Rohm BD47XXG Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Note
7/7
BD47
□□G series
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
 Part Number Selection
B
D
4
7
1
9
G
T
R
Bipolar Reset
Detection Voltage
SSOP5
Taping Specifications
Example: 1.9V
19
Package
Embossed Taping
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
S
S


Similar Part No. - BD47XXG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
BD47XXG ROHM-BD47XXG Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results

Similar Description - BD47XXG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com