Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0364DPA-02-J0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK0364DPA-02-J0
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0364DPA-02-J0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK0364DPA-02-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 5Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 6Page - Renesas Technology Corp RJK0364DPA-02-J0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK0364DPA-02
Preliminary
REJ03G1937-0110 Rev.1.10
Page 4 of 6
May 21, 2010
Case Temperature
Tc
(°C)
Static Drain to Source On State Resistance
vs. Temperature
25
20
15
10
5
–25
0
25
50
75
100 125
150
0
ID = 2 A, 5 A, 10 A
VGS = 4.5 V
10 V
Pulse Test
2 A, 5 A, 10 A
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
40
32
24
16
8
25
50
75
100
125
150
0
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Pulse Test
5 V
VGS = 0, –5 V
10 V
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
30
20
10000
3000
1000
300
100
30
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
Gate Charge
Qg (nc)
Dynamic Input Characteristics
50
40
30
20
10
0
20
16
12
8
4
10
20
30
40
50
0
0
ID = 35 A
VGS
VDS
VDD = 25 V
10 V
VDD = 25 V
10 V


Similar Part No. - RJK0364DPA-02-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0364DPA-02-J0B RENESAS-RJK0364DPA-02-J0B Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0364DPA-02-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com