Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12C508A Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC12C508A
Description  8-Pin, 8-Bit CMOS Microcontrollers
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C508A Datasheet(HTML) 5 Page - Microchip Technology

  PIC12C508A Datasheet HTML 1Page - Microchip Technology PIC12C508A Datasheet HTML 2Page - Microchip Technology PIC12C508A Datasheet HTML 3Page - Microchip Technology PIC12C508A Datasheet HTML 4Page - Microchip Technology PIC12C508A Datasheet HTML 5Page - Microchip Technology PIC12C508A Datasheet HTML 6Page - Microchip Technology PIC12C508A Datasheet HTML 7Page - Microchip Technology PIC12C508A Datasheet HTML 8Page - Microchip Technology PIC12C508A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 5
PIC12C5XX
TABLE 1-1:
PIC12CXXX & PIC12CEXXX FAMILY OF DEVICES
PIC12C508(A) PIC12C509(A) PIC12CR509A PIC12CE518 PIC12CE519 PIC12C671 PIC12C672 PIC12CE673 PIC12CE674
Clock
Maximum
Frequency
of Operation
(MHz)
44
44
4
10
10
10
10
Memory
EPROM
Program
Memory
512 x 12
1024 x 12
1024 x 12
(ROM)
512 x 12
1024 x 12
1024 x 14
2048 x 14
1024 x 14
2048 x 14
RAM Data
Memory
(bytes)
25
41
41
25
41
128
128
128
128
Peripherals
EEPROM
Data Memory
(bytes)
——
—16
16
16
16
Timer
Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
A/D Con-
verter (8-bit)
Channels
——
——
4
4
4
4
Features
Wake-up
from SLEEP
on pin
change
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt
Sources
——
4
4
4
4
I/O Pins
5
5
5
5
5
5
5
5
5
Input Pins
11
11
1
1
1
1
1
Internal
Pull-ups
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
In-Circuit
Serial
Programming
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Number of
Instructions
33
33
33
33
33
35
35
35
35
Packages
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW
8-pin DIP,
JW
All PIC12CXXX & PIC12CEXXX devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O
current capability.
All PIC12CXXX & PIC12CEXXX devices use serial programming with data pin GP0 and clock pin GP1.


Similar Part No. - PIC12C508A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C508A MICROCHIP-PIC12C508A Datasheet
48Kb / 6P
   Errata Sheet for PIC12C508A/509A (Rev. A Silicon)
05/16/00
PIC12C508A MICROCHIP-PIC12C508A Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C508A MICROCHIP-PIC12C508A Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results

Similar Description - PIC12C508A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509A-04I MICROCHIP-PIC12C509A-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE519-04I MICROCHIP-PIC12CE519-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04 MICROCHIP-PIC12C509-04 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04I MICROCHIP-PIC12C509-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04SM MICROCHIP-PIC12CE518-04SM Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04I MICROCHIP-PIC12CE518-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
   28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
   8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com