Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3812F Datasheet(PDF) 1 Page - Rohm

Part # BD3812F
Description  2ch Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3812F Datasheet(HTML) 1 Page - Rohm

  BD3812F_1 Datasheet HTML 1Page - Rohm BD3812F_1 Datasheet HTML 2Page - Rohm BD3812F_1 Datasheet HTML 3Page - Rohm BD3812F_1 Datasheet HTML 4Page - Rohm BD3812F_1 Datasheet HTML 5Page - Rohm BD3812F_1 Datasheet HTML 6Page - Rohm BD3812F_1 Datasheet HTML 7Page - Rohm BD3812F_1 Datasheet HTML 8Page - Rohm BD3812F_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for Home Theater Systems
2ch
Electronic Volume
BD3812F
Description
BD3812F is an electronic volume having volume, gain amplifier functions necessary for applications in AV receivers, home
theatre systems, min-component systems and so forth. Having a chip select terminal, it can be controlled until 4 chips with
common bus line.
Features
1) Residual noise : 1.2µVrms {dynamic range : 131dB (IHF-A)}
2) 2ch independent volume (0 to -103dB, MUTE 1dB/step)
3) 8ch at maximum available in combination of any of BD3811K1, BD3813KS, BD3814FV, BD3815KS (6ch volume)
in common bus line
4) It can be controlled until 4 chips with common bus line at the same time
5) Maximum output voltage : 4.2Vrms (Vcc=7, VEE=-7V, RL=10kΩ)
6) 2-line serial control (for both 3.3V and 5V)
7) Built-in Output gain amplifier for adjustment of output signal voltage (0, 6 to 18dB, 2dB/step)
8) Output mute controllable by serial data and external control terminal
Applications
AV receivers, home theater systems, mini-component systems, etc.
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Powewr supply voltage
VCC
7.5
*1
V
VEE
-7.5
Input signal voltage
VIN
VCC+0.3 to VEE-0.3
V
Power dissipation
Pd
450
*2
mW
Operating temperature range
Topr
20 to +75
Storage temperature range
Tastg
55 to +125
*1
Even in the specified range of Power Supply Voltage, applying voltage only to the VCC side may
cause an excessive current to give a permanent damage to the IC.
When starting up power supplies, VEE and VCC should be powered on simultaneously or VEE first; then followed by VCC.
*2
Over Ta=25°C, reduce at the rate of 4.5mW/°C. When installed on the standard board (size: 70x70x1.6mm).
Operating conditions
It must function normally at Ta=25°C.
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
Operating source voltage
VCC
5
7
7.3
V
VEE
-7.3
-7
-5
No.10081EAT03


Similar Part No. - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3812F ROHM-BD3812F Datasheet
125Kb / 3P
   2 channel Volume IC
More results

Similar Description - BD3812F_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
logo
Renesas Technology Corp
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com