Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4743G Datasheet(PDF) 4 Page - Rohm

Part # BD4743G
Description  Bipolar Voltage Detector ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4743G Datasheet(HTML) 4 Page - Rohm

  BD4743G Datasheet HTML 1Page - Rohm BD4743G Datasheet HTML 2Page - Rohm BD4743G Datasheet HTML 3Page - Rohm BD4743G Datasheet HTML 4Page - Rohm BD4743G Datasheet HTML 5Page - Rohm BD4743G Datasheet HTML 6Page - Rohm BD4743G Datasheet HTML 7Page - Rohm BD4743G Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Technical Note
4/7
BD47
□□G series
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
 Explanation of Operation
BD47
□□G series has the detection voltages and release voltages as threshold voltages and, as the voltages applied to the
input reach their respective threshold voltages, the output switches from “High” to “Low” and from “Low” to “High”. The
release voltage has a hysteresis that is the detection voltage +50mV (Typ.), preventing chattering in the output. When the
input is greater than the release voltage, the output is in a “High” state. When the input is lowered from that state, the output
switches to “Low” on the detection voltage. When the input is less than the detection voltage, the output is in a “Low” state.
When the input is raised from that state, the output switches to “High” with the release voltage. Additionally, at least 0.85V is
required for the circuit to operate fully. When the input falls below the operating limit voltage, the output becomes unsettled.
1
When the power supply is turned on, the output is unsettled from after over the operating limit voltage (VOPL) until
TPHL. Therefore it is possible that the reset signal is not outputted when the rise time of Vcc is faster than TPHL.
2
When Vcc is greater than VOPL but less than the reset release voltage (VS +
ΔVS), the output voltages will switch to
Low.
3
If Vcc exceeds the reset release voltage (VS +
ΔVS), then VOUT switches from L to H.
4
If Vcc drops below the detection voltage (VS) when the power supply is powered down or when there is a power supply
fluctuation, VOUT switches to L (with a delay of TPHL).
5
The potential difference between the detection voltage and the release voltage is known as the hysteresis width (
ΔVS).
The system is designed such that the output does not flip-flop with power supply fluctuations within this hysteresis width,
preventing malfunctions due to noise.
<Precautions>
Please be aware that when there is resistance on the power supply line, the detection voltage varies with voltage drops
caused by the IC current consumption.
Please connect a capacitor between VCC and GND when the power supply line has high impedance.
VDD
VS+ΔVS
VS
VOPL
0V
TPHL
VOUT
TPLH
TPHL
TPLH
VOL
VOH
VDD
Fig.11 Timing Waveform


Similar Part No. - BD4743G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4743G ROHM-BD4743G Datasheet
175Kb / 6P
   System Reset IC
BD4743G ROHM-BD4743G Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4743G-TR ROHM-BD4743G-TR Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4743G-TR ROHM-BD4743G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4743G-TR ROHM-BD4743G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4743G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com