Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F616 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F616
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F616 Datasheet HTML 1Page - Microchip Technology PIC16F616 Datasheet HTML 2Page - Microchip Technology PIC16F616 Datasheet HTML 3Page - Microchip Technology PIC16F616 Datasheet HTML 4Page - Microchip Technology PIC16F616 Datasheet HTML 5Page - Microchip Technology PIC16F616 Datasheet HTML 6Page - Microchip Technology PIC16F616 Datasheet HTML 7Page - Microchip Technology PIC16F616 Datasheet HTML 8Page - Microchip Technology PIC16F616 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 3
PIC16F610/616/16HV610/616
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- User selectable frequency: 4 MHz or 8 MHz
• Power-Saving Sleep mode
• Voltage Range:
- PIC16F610/616: 2.0V to 5.5V
- PIC16HV610/616: 2.0V to user defined
maximum (see note)
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with Independent
Oscillator for Reliable Operation
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: > 40 years
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
-20
μA @ 32 kHz, 2.0V, typical
-220
μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
Note:
Voltage across internal shunt regulator
cannot exceed 5V.
Peripheral Features:
• Shunt Voltage Regulator (PIC16HV610/616 only):
- 5 volt regulation
- 4 mA to 50 mA shunt range
• 11 I/O Pins and 1 Input Only
- High current source/sink for direct LED drive
- Interrupt-on-Change pins
- Individually programmable weak pull-ups
• Analog Comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
- Fixed Voltage Reference
- Comparator inputs and outputs externally
accessible
-SR Latch
- Built-In Hysteresis (user selectable)
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Timer1 Gate (count enable)
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator if INTOSC mode
selected
- Timer1 oscillator
• In-Circuit Serial ProgrammingTM (ICSPTM) via Two
Pins
PIC16F616/16HV616 only:
• A/D Converter:
- 10-bit resolution
- 8 external input channels
- 2 internal reference channels
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Enhanced Capture, Compare, PWM module:
- 16-bit Capture, max. resolution 12.5 ns
- 16-bit Compare, max. resolution 200 ns
- 10-bit PWM with 1, 2 or 4 output channels,
programmable “dead time”, max. frequency
20 kHz
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers


Similar Part No. - PIC16F616

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F616 MICROCHIP-PIC16F616 Datasheet
150Kb / 2P
   8-bit PIC짰 Microcontrollers with High Voltage Support and Fan Control Capabilities
2006
PIC16F616 MICROCHIP-PIC16F616 Datasheet
2Mb / 180P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F616 MICROCHIP-PIC16F616 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC16F616 MICROCHIP-PIC16F616 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC16F616

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 238P
   14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
11/29/12 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com