Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03E4DPA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK03E4DPA
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03E4DPA Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK03E4DPA Datasheet HTML 1Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 2Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 3Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 4Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 5Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 6Page - Renesas Technology Corp RJK03E4DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK03E4DPA
Preliminary
REJ03G1928-0210 Rev.2.10
Page 6 of 6
May 20, 2010
Package Dimensions
4.21Typ
0.2Typ
0.8Max
1.27Typ
0.04Min
1.27Typ
0.545Typ
5.1 ± 0.2
4.90 ± 0.1
0.4 ± 0.06
3.9 ± 0.2
PWSN0008DC-A
WPAK(2)V
0.07g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
(Ni/Pd/Au plating)
Notice:The reverse pattern of die-pad
support lead described above exists.
Unit: mm
Package Name
WPAK(2)
Ordering Information
Part No.
Quantity
Shipping Container
RJK03E4DPA-00-J53
3000 pcs
Taping


Similar Part No. - RJK03E4DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E4DPA RENESAS-RJK03E4DPA Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA-00-J5A RENESAS-RJK03E4DPA-00-J5A Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03E4DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E6DPA RENESAS-RJK03E6DPA Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C2DPB RENESAS-RJK03C2DPB Datasheet
269Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB_15 Datasheet
277Kb / 9P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0379DPA RENESAS-RJK0379DPA Datasheet
256Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0381DPA RENESAS-RJK0381DPA Datasheet
250Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB Datasheet
268Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA_10 Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03A04DPA RENESAS-RJK03A04DPA Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA Datasheet
86Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0206DPA RENESAS-RJK0206DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0208DPA RENESAS-RJK0208DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com