Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F785 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F785
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F785_08 Datasheet HTML 1Page - Microchip Technology PIC16F785_08 Datasheet HTML 2Page - Microchip Technology PIC16F785_08 Datasheet HTML 3Page - Microchip Technology PIC16F785_08 Datasheet HTML 4Page - Microchip Technology PIC16F785_08 Datasheet HTML 5Page - Microchip Technology PIC16F785_08 Datasheet HTML 6Page - Microchip Technology PIC16F785_08 Datasheet HTML 7Page - Microchip Technology PIC16F785_08 Datasheet HTML 8Page - Microchip Technology PIC16F785_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 206 page
background image
© 2008 Microchip Technology Inc.
DS41249E-page 1
PIC16F785/HV785
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt Capability
• 8-Level Seep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%
- Software selectable frequency range of
8 MHz to 32 kHz
- Software tunable
- Two-Speed Start-up mode
- Crystal fail detect for critical applications
- Clock mode switching during operation for
power savings
• Power-Saving Sleep mode
• Wide Operating Voltage Range (2.0V-5.5V)
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR) with Software Control
Option
• Enhanced Low-Current Watchdog Timer (WDT)
with on-chip Oscillator (software selectable
nominal 268 seconds with full prescaler) with
Software Enable
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High-Endurance Flash/EEPROM cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- Flash/Data EEPROM retention: > 40 years
Low-Power Features:
• Standby Current:
- 30 nA @ 2.0V, typical
• Operating Current:
-8.5
μA @ 32 kHz, 2.0V, typical
-100
μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
• Timer1 Oscillator Current:
-2
μA @ 32 kHz, 2.0V, typical
Peripheral Features:
• High-Speed Comparator module with:
- Two independent analog comparators
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
- 1.2V band gap voltage reference
- Comparator inputs and outputs externally
accessible
- < 40 ns propagation delay
- 2 mv offset, typical
• Operational Amplifier module with 2 independent
Op Amps:
- 3 MHz GBWP, typical
- All I/O pins externally accessible
• Two-Phase Asynchronous Feedback PWM
module:
- Complementary output with programmable
dead band delay
- Infinite resolution analog duty cycle
- Sync Output/Input for multi-phase PWM
-FOSC/2 maximum PWM frequency
• A/D Converter:
- 10-bit resolution and 14 channels (2 internal)
• 17 I/O pins and 1 Input-only Pin:
- High-current source/sink for direct LED drive
- Interrupt-on-pin change
- Individually programmable weak pull-ups
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator, if INTOSC mode
selected
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Capture, Compare, PWM module:
- 16-bit Capture, max resolution 12.5 ns
- Compare, max resolution 200 ns
- 10-bit PWM with 1 output channel, max
frequency 20 kHz
• In-Circuit Serial ProgrammingTM (ICSPTM) via two
pins
• Shunt Voltage Regulator (PIC16HV785 only):
- 5 volt regulation
- 4 mA to 50 mA shunt range
20-Pin Flash-Based 8-Bit CMOS Microcontroller


Similar Part No. - PIC16F785_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
More results

Similar Description - PIC16F785_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785 Datasheet
1Mb / 178P
   20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
2004
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com