Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJE0609JPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJE0609JPD
Description  Silicon P Channel MOS FET Series Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0609JPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJE0609JPD Datasheet HTML 1Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 2Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 3Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 4Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 5Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 6Page - Renesas Technology Corp RJE0609JPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJE0609JPD
Preliminary
REJ03G1908-0100 Rev.1.00
Page 4 of 6
Apr 01, 2010
Case Temperature Tc (
°C)
Static Drain to Source On State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain Current ID (A)
Switching Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
200
100
150
−50 −25 0
25
50
75 100 125 150
50
100
10
1
0.1
−0.1
−1
−10
VGS = −10 V
−6 V
−0.1
−0.3
−1
1000
100
10
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
−5
−4
−3
−2
−1
0
−0.4
−0.8
−1.2
−1.6
−2.0
1000
100
10
0
10 20 30 40
60
50
VGS = 0
f = 1 MHz
Coss
ID = −0.5 A
−1 A
−2 A
ID = −0.5 A
−1 A
−2 A
Tc =
−40°C
25
°C
150
°C
VGS = 0 V, 5 V, 10 V
−10 V
−5 V
Pulse Test
VDS = −10 V
Pulse Test
Pulse Test
−0.1
−1
−10
tr
10
1
0.1
VGS = −10 V, VDD = −30 V
PW = 300
μs, duty ≤ 1 %
tf
td(on)
td(off)


Similar Part No. - RJE0609JPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - RJE0609JPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
   Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com