Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20652ANP-G3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R2J20652ANP-G3
Description  Integrated Driver - MOS FET (DrMOS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20652ANP-G3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R2J20652ANP-G3 Datasheet HTML 7Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 8Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 9Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 10Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 11Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 12Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 13Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 14Page - Renesas Technology Corp R2J20652ANP-G3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
R2J20652ANP
Preliminary
REJ03G1867-0300 Rev.3.00 Feb 26, 2010
Page 11 of 16
Power Loss vs. Output Inductance
Output Inductance (
μH)
Power Loss vs. VCIN
0.10.20.30.40.50.60.70.80.9 1.0
VCIN = Reg5V (V)
4.5
5.0
5.5
6.0
VIN = 12 V
VCIN = Reg5V = 5 V
VOUT = 1.3 V
fPWM = 600 kHz
IOUT = 25 A
VIN = 12 V
VCIN = Reg5V = 5 V
VOUT = 1.3 V
L = 0.45
μH
IOUT = 0 A
Switching Frequency (kHz)
Average ICIN vs. Switching Frequency
0
10
30
40
20
50
250
500
750
1000
1250
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VIN = 12 V
VOUT = 1.3 V
fPWM = 600 kHz
L = 0.45
μH
IOUT = 25 A


Similar Part No. - R2J20652ANP-G3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20651ANP RENESAS-R2J20651ANP Datasheet
226Kb / 18P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP-G3 RENESAS-R2J20651ANP-G3 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANPG3 RENESAS-R2J20651ANPG3 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
More results

Similar Description - R2J20652ANP-G3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20605ANP RENESAS-R2J20605ANP Datasheet
161Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com