Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5954FM Datasheet(PDF) 1 Page - Rohm

Part # BA5954FM
Description  BLT Driver For DVD-ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5954FM Datasheet(HTML) 1 Page - Rohm

  BA5954FM Datasheet HTML 1Page - Rohm BA5954FM Datasheet HTML 2Page - Rohm BA5954FM Datasheet HTML 3Page - Rohm BA5954FM Datasheet HTML 4Page - Rohm BA5954FM Datasheet HTML 5Page - Rohm BA5954FM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product Name
:
BLT Driver For DVD-ROM
Device Name
:
BA5954FM
Features
:
• 2CHs for current driving-type BTL drivers to drive two-axis actuators
• 1CH for a voltage driving-type BTL driver for a feed motor
4-ch driver comprising of 1CH for a voltage driving-type BTL driver for a loading
motor
• A wide dynamic range (PreVcc=12V, PVcc=5V, 4.0V(Typ.) when RL=8Ω)
• The pre-part + feed motor part, the loading motor part, and the actuator part are
provided with power supplies independently and its low voltage operation achieves
an efficient drive.
• A built-in level shift circuit
• A built-in thermal shutdown circuit is installed
• A built-in standby function installed.
<Two-axis Actuator Driver>
The current feedback technique can reduce the current phase shift caused by the load
inductance.
<Feed Motor Driver>
A general op-amp connected to the input terminal helps compute additions of
differential inputs or signals.
<Loading Driver>
A tri-state logic input is used to determine a forward or reverse operation.
It can be used as a linear BTL driver.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limits
Unit
Power Supply
Voltage
Vcc, PVcc1/2
13.5
V
Power Dissipation
Pd
2.2
*1
W
Operating
Temperature Range
Topr
-35 to 85
°C
Storage Temperature
Range
Tstg
-55 to 150
°C
*1 When mounted on the glass/epoxy board with the size: 70 mm
×70 mm, the thickness: 1.6 mm, and the
rate of copper foil occupancy area: 3% or less.
Over Ta=25
°C, derating at the rate of 17.6mW/°C.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Limits
Unit
Vcc
4.3 to 13.2
V
PVcc1
4.3 to Vcc
V
Power supply
Voltage
PVcc2
4.3 to Vcc
V
This product has not been checked for the strategic materials (or service) defined in the Foreign Exchange
and Foreign Trade Control Low of Japan so that a verification work is required before exporting it.
Not designed for radiation resistance.


Similar Part No. - BA5954FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5954FM ROHM-BA5954FM Datasheet
310Kb / 7P
   BLT Driver For DVD-ROM
BA5954FM ROHM-BA5954FM Datasheet
474Kb / 3P
   Current feedback actuator driver
More results

Similar Description - BA5954FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5954FM ROHM-BA5954FM Datasheet
310Kb / 7P
   BLT Driver For DVD-ROM
BA5954FP ROHM-BA5954FP_1 Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7998EFS ROHM-BD7998EFS Datasheet
171Kb / 5P
   6ch Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
logo
Rohm
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com