Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20605ANPG3 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2J20605ANPG3
Description  Integrated Driver - MOS FET (DrMOS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20605ANPG3 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2J20605ANPG3 Datasheet HTML 4Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 5Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 6Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 7Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 8Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 9Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 10Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 11Page - Renesas Technology Corp R2J20605ANPG3 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
R2J20605ANP
Preliminary
REJ03G1821-0300 Rev.3.00 Feb 26, 2010
Page 8 of 16
Pin Connection
(1) Typical Desktop/Server Application
DISBL# INPUT
PWM INPUT
Vout
PGND
PGND
PGND
0.45
μH
+5 V
CGND
51 k
Ω
CGND
1.0
μF
1.0
μF
10
μF × 4
VIN
PAD
VSWH
PAD
CGND
PAD
THWN
DISBL#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
56
55
54
53
52
51
50
49
48
47
46
45
44
43
VIN
VSWH
PGND
PGND
VSWH
VSWH
CGND
GL
Reg5V
PWM
0.1
μF
Thermal Warning
12 V
Low Side Disable Signal INPUT
VIN
R2J20605ANP
(2) Typical Notebook Application
DISBL# INPUT
PWM INPUT
0.45
μH
Vout
1.0
μF
10
μF × 4
+5 V
51 k
Ω
Thermal Warning
Low Side Disable Signal INPUT
PGND
PGND
PGND
19 V
5.0 V
External
Power Supply
VIN
VIN
PAD
VSWH
PAD
CGND
PAD
THWN
DISBL#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
56
55
54
53
52
51
50
49
48
47
46
45
44
43
VIN
VSWH
PGND
PGND
VSWH
VSWH
CGND
GL
Reg5V
PWM
R2J20605ANP
CGND
0.1
μF


Similar Part No. - R2J20605ANPG3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP Datasheet
153Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP_08 Datasheet
153Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
170Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results

Similar Description - R2J20605ANPG3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20652ANP RENESAS-R2J20652ANP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com