Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJE0605JPD-00-J3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJE0605JPD-00-J3
Description  Silicon P Channel MOS FET Series Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0605JPD-00-J3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJE0605JPD-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJE0605JPD-00-J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJE0605JPD
Preliminary
REJ03G1803-0100 Rev.1.00
Page 5 of 6
Apr 01, 2010
−16
−4
−6
−8
−10
−12
−14
−2
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
100
Shutdown Time of Load-Short Test Pw (ms)
110
VDD = −16 V
1
0.1
0.01
0.001
10
μ
100
μ
1 m
10 m
100 m
1
10
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
DM
P
PW
T
D =
PW
T
θch - c(t) = γs (t) • θch - c
θch - c = 4.17°C/W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.01
0.02
0.05
0.1
0.2
1shot
puls
e
200
180
160
140
120
0
Gate to Source Voltage VGS (V)
100
−2
−4
−6
−8
−10
ID = −1 A
dv / dt
VGS ≥ 500 V/ ms
Shutdown Case Temperature vs.
Gate to Source Voltage
50
Ω
Vin Monitor
D.U.T.
Vin
–10 V
RL
VDD
= –30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Switching Time Test Circuit
Waveform


Similar Part No. - RJE0605JPD-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0605JPD RENESAS-RJE0605JPD Datasheet
92Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0605JPD RENESAS-RJE0605JPD_15 Datasheet
92Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - RJE0605JPD-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
   Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com