Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5814FM Datasheet(PDF) 1 Page - Rohm

Part # BA5814FM
Description  Power Driver For Compact Disc Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5814FM Datasheet(HTML) 1 Page - Rohm

  BA5814FM_2 Datasheet HTML 1Page - Rohm BA5814FM_2 Datasheet HTML 2Page - Rohm BA5814FM_2 Datasheet HTML 3Page - Rohm BA5814FM_2 Datasheet HTML 4Page - Rohm BA5814FM_2 Datasheet HTML 5Page - Rohm BA5814FM_2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product Name
:
Power Driver For Compact Disc Players
Device Name
:
BA5814FM
Features
:
• 5-ch BTL driver
• Use of an HSOP-M28 power package can achieve downsizing of the set.
• A built-in thermal shutdown circuit is installed.
• A wide dynamic range (6.0V(typ.) when Vcc=8V and RL=8Ω)
• Incorporate variable regulators for 2 channels. (External PNP Tr. must be
installed.)
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
Vcc
13.5
V
Power Dissipation
Pd
2.2*1
W
Operating Temperature
Range
Topr
-40 to 85
°C
Storage Temperature
Range
Tstg
-55 to 150
°C
*1 When mounted on the glass/epoxy board with the size: 70 mm
×70 mm, the thickness: 1.6 mm, and
the rate of copper foil occupancy area: 3% or less.
Over Ta=25
°C, derating at the rate of 17.6mW/°C.
RECOMMENDED OPERATING CONDITIONS (To determine a power supply voltage, the power
dissipation must be taken into consideration.)
Vcc
4.3 to 13.2 V
This product has not been checked for the strategic materials (or service) defined in the Foreign
Exchange and Foreign Trade Control Low of Japan so that a verification work is required before
exporting it.
Not designed for radiation resistance.


Similar Part No. - BA5814FM_2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5814FM-E2 ROHM-BA5814FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
More results

Similar Description - BA5814FM_2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com