Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0395DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0395DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0395DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0395DPA_10 Datasheet HTML 1Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 2Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 3Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 4Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 5Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 6Page - Renesas Technology Corp RJK0395DPA_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0395DPA
Preliminary
REJ03G1786-0210 Rev.2.10
Page 3 of 6
May 12, 2010
Main Characteristics
20
16
12
8
4
0
24
6
8
10
20
16
12
8
4
0
12
3
4
5
10
3
1
30
300
1
10
100
1000
3
400
300
200
100
0
4
8
12
16
20
10 A
100
30
10 V
3.0 V
3.2 V
10 V
4.5 V
5A
40
30
20
10
0
50
100
150
200
0.1
1
10
100
10
100
1000
1
0.1
PW = 10 ms
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Tc = 25 °C
1 shot Pulse
Operation in
this area is
limited by RDS(on)
10
μs
VDS = 10 V
Pulse Test
Tc = 75°C
25°C
–25°C
Gate to Source Voltage VGS (V)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
VGS = 2.8 V
Pulse Test
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Pulse Test
Pulse Test
VGS = 4.5 V
ID = 20 A


Similar Part No. - RJK0395DPA_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0395DPA RENESAS-RJK0395DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0395DPA_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com