Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD16VX1UL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD16VX1UL
Description  Ultra low capacitance unidirectional ESD protection diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD16VX1UL Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD16VX1UL Datasheet HTML 1Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 2Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 3Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 4Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 5Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 6Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 7Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 8Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PESD16VX1UL_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 December 2009
3 of 10
NXP Semiconductors
PESD16VX1UL
Ultra low capacitance unidirectional ESD protection diode
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to 2.
Table 6.
ESD maximum ratings
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -
8
kV
MIL-STD-883 (human
body model)
-
10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
8/20
μs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
μs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 μs
50 % IPP; 20 μs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Similar Part No. - PESD16VX1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD16VX1UL PHILIPS-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01-16 December 2009
logo
Nexperia B.V. All right...
PESD16VX1UL NEXPERIA-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01 - 16 December 2009
More results

Similar Description - PESD16VX1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD16VX1UL PHILIPS-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01-16 December 2009
logo
Nexperia B.V. All right...
PESD5V0C1USF NEXPERIA-PESD5V0C1USF Datasheet
681Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
PESD6V5C1USF NEXPERIA-PESD6V5C1USF Datasheet
237Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
21 January 2022
PESD16VX1UL NEXPERIA-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01 - 16 December 2009
PESD5V0X1UALD NEXPERIA-PESD5V0X1UALD Datasheet
755Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1 - 5 April 2011
PESD5V0X1ULD-Q NEXPERIA-PESD5V0X1ULD-Q Datasheet
230Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
23 August 2022
logo
NXP Semiconductors
PESD5V0X1UALD NXP-PESD5V0X1UALD Datasheet
191Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-5 April 2011
PESD5V0X1ULD PHILIPS-PESD5V0X1ULD Datasheet
248Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UAB PHILIPS-PESD5V0X1UAB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UB PHILIPS-PESD5V0X1UB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
logo
Nexperia B.V. All right...
PESD5V0X1UB NEXPERIA-PESD5V0X1UB Datasheet
215Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
6 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com