Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11AA080-ITO Datasheet(PDF) 7 Page - Microchip Technology

Part # 11AA080-ITO
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080-ITO Datasheet(HTML) 7 Page - Microchip Technology

Back Button 11AA080-ITO Datasheet HTML 3Page - Microchip Technology 11AA080-ITO Datasheet HTML 4Page - Microchip Technology 11AA080-ITO Datasheet HTML 5Page - Microchip Technology 11AA080-ITO Datasheet HTML 6Page - Microchip Technology 11AA080-ITO Datasheet HTML 7Page - Microchip Technology 11AA080-ITO Datasheet HTML 8Page - Microchip Technology 11AA080-ITO Datasheet HTML 9Page - Microchip Technology 11AA080-ITO Datasheet HTML 10Page - Microchip Technology 11AA080-ITO Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 7
11AAXXX/11LCXXX
3.0
BUS CHARACTERISTICS
3.1
Standby Pulse
When the master has control of SCIO, a standby pulse
can be generated by holding SCIO high for TSTBY. At
this time, the 11XX will reset and return to Standby
mode. Subsequently, a high-to-low transition on SCIO
(the first low pulse of the header) will return the device
to the active state.
Once a command is terminated satisfactorily (i.e., via
a NoMAK/SAK combination during the Acknowledge
sequence), performing a standby pulse is not required
to begin a new command as long as the device to be
selected is the same device selected during the previ-
ous command. However, a period of TSS must be
observed after the end of the command and before the
beginning of the start header. After TSS, the start
header (including THDR low pulse) can be transmitted
in order to begin the new command.
If a command is terminated in any manner other than a
NoMAK/SAK combination, then the master must per-
form a standby pulse before beginning a new com-
mand, regardless of which device is to be selected.
An example of two consecutive commands is shown in
Figure 3-1. Note that the device address is the same
for both commands, indicating that the same device is
being selected both times.
A standby pulse cannot be generated while the slave
has control of SCIO. In this situation, the master must
wait for the slave to finish transmitting and to release
SCIO before the pulse can be generated.
If, at any point during a command, an error is detected
by the master, a standby pulse should be generated
and the command should be performed again.
FIGURE 3-1:
CONSECUTIVE COMMANDS EXAMPLE
3.2
Start Data Transfer
All operations must be preceded by a start header. The
start header consists of holding SCIO low for a period
of THDR, followed by transmitting an 8-bit ‘
01010101
code. This code is used to synchronize the slave’s
internal clock period with the master’s clock period, so
accurate timing is very important.
When a standby pulse is not required (i.e., between
successive commands to the same device), a period of
TSS must be observed after the end of the command
and before the beginning of the start header.
Figure 3-2 shows the waveform for the start header,
including the required Acknowledge sequence at the
end of the byte.
FIGURE 3-2:
START HEADER
Note: After a POR/BOR event occurs, a low-
to-high transition on SCIO must be gen-
erated before proceeding with communi-
cation, including a standby pulse.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Standby Pulse(1)
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Note 1: After a POR/BOR event, a low-to-high transition on SCIO is required to occur before the first
standby pulse.
SCIO
Data ‘0’ Data ‘1’ Data ‘0’ Data ‘1’ Data ‘0’ Data ‘1’ Data ‘0’ Data ‘1’
MAK
NoSAK
TSS
THDR


Similar Part No. - 11AA080-ITO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA080-I/MNY MICROCHIP-11AA080-I/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/MS MICROCHIP-11AA080-I/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/MS MICROCHIP-11AA080-I/MS Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
11AA080-I/P MICROCHIP-11AA080-I/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/SN MICROCHIP-11AA080-I/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11AA080-ITO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com