Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4021NT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS4021NT
Description  20 V, 4.3 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4021NT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS4021NT Datasheet HTML 4Page - NXP Semiconductors PBSS4021NT Datasheet HTML 5Page - NXP Semiconductors PBSS4021NT Datasheet HTML 6Page - NXP Semiconductors PBSS4021NT Datasheet HTML 7Page - NXP Semiconductors PBSS4021NT Datasheet HTML 8Page - NXP Semiconductors PBSS4021NT Datasheet HTML 9Page - NXP Semiconductors PBSS4021NT Datasheet HTML 10Page - NXP Semiconductors PBSS4021NT Datasheet HTML 11Page - NXP Semiconductors PBSS4021NT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PBSS4021NT_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 31 January 2010
8 of 14
NXP Semiconductors
PBSS4021NT
20 V, 4.3 A NPN low VCEsat (BISS) transistor
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 9.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 10. Collector-emitter saturation voltage as a
function of collector current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 11. Collector-emitter saturation resistance as a
function of collector current; typical values
Fig 12. Collector-emitter saturation resistance as a
function of collector current; typical values
006aac016
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aac017
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aac018
IC (mA)
10−1
104
103
1102
10
10−1
1
10
102
RCEsat
(
Ω)
10−2
(1)
(2)
(3)
IC (mA)
10−1
104
103
1102
10
006aac019
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(1)
(2)
(3)


Similar Part No. - PBSS4021NT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021NT NEXPERIA-PBSS4021NT Datasheet
298Kb / 15P
   20 V, 4.3 A NPN low VCEsat (BISS) transistor
Rev. 01 - 31 January 2010
More results

Similar Description - PBSS4021NT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021NT NEXPERIA-PBSS4021NT Datasheet
298Kb / 15P
   20 V, 4.3 A NPN low VCEsat (BISS) transistor
Rev. 01 - 31 January 2010
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS302NX NXP-PBSS302NX Datasheet
197Kb / 15P
   20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS4021NX NXP-PBSS4021NX Datasheet
257Kb / 14P
   20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012
logo
Nexperia B.V. All right...
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS4420D NXP-PBSS4420D Datasheet
124Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com