Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11AA080T-ITO Datasheet(PDF) 10 Page - Microchip Technology

Part # 11AA080T-ITO
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080T-ITO Datasheet(HTML) 10 Page - Microchip Technology

Back Button 11AA080T-ITO Datasheet HTML 6Page - Microchip Technology 11AA080T-ITO Datasheet HTML 7Page - Microchip Technology 11AA080T-ITO Datasheet HTML 8Page - Microchip Technology 11AA080T-ITO Datasheet HTML 9Page - Microchip Technology 11AA080T-ITO Datasheet HTML 10Page - Microchip Technology 11AA080T-ITO Datasheet HTML 11Page - Microchip Technology 11AA080T-ITO Datasheet HTML 12Page - Microchip Technology 11AA080T-ITO Datasheet HTML 13Page - Microchip Technology 11AA080T-ITO Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 10
Preliminary
 2010 Microchip Technology Inc.
4.0
DEVICE COMMANDS
After the device address byte, a command byte must
be sent by the master to indicate the type of operation
to be performed. The code for each instruction is listed
in Table 4-1.
TABLE 4-1:
INSTRUCTION SET
4.1
Read Instruction
The Read command allows the master to access any
memory location in a random manner. After the
READ
instruction has been sent to the slave, the two bytes of
the Word Address are transmitted, with an Acknowl-
edge sequence being performed after each byte. Then,
the slave sends the first data byte to the master. If more
data is to be read, the master sends a MAK, indicating
that the slave should output the next data byte. This
continues until the master sends a NoMAK, which ends
the operation.
To provide sequential reads in this manner, the 11XX
contains an internal Address Pointer which is incre-
mented by one after the transmission of each byte. This
Address Pointer allows the entire memory contents to
be serially read during one operation. When the highest
address is reached, the Address Pointer rolls over to
address ‘0x000’ if the master chooses to continue the
operation by providing a MAK.
FIGURE 4-1:
READ COMMAND SEQUENCE
Instruction Name
Instruction Code
Hex Code
Description
READ
0000 0011
0x03
Read data from memory array beginning at specified address
CRRD
0000 0110
0x06
Read data from current location in memory array
WRITE
0110 1100
0x6C
Write data to memory array beginning at specified address
WREN
1001 0110
0x96
Set the write enable latch (enable write operations)
WRDI
1001 0001
0x91
Reset the write enable latch (disable write operations)
RDSR
0000 0101
0x05
Read STATUS register
WRSR
0110 1110
0x6E
Write STATUS register
ERAL
0110 1101
0x6D
Write ‘
0x00’ to entire array
SETAL
0110 0111
0x67
Write ‘
0xFF’ to entire array
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
01
0
0
0
0
01
Standby Pulse
SCIO
15 14 13 12
Word Address MSB
11 10 9 8
76 5 4
Word Address LSB
32 1 0
Note 1: For the 11XXXX1, this bit must be a ‘1’.


Similar Part No. - 11AA080T-ITO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA080T-I/MNY MICROCHIP-11AA080T-I/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080T-I/MS MICROCHIP-11AA080T-I/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080T-I/P MICROCHIP-11AA080T-I/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080T-I/SN MICROCHIP-11AA080T-I/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080T-I/TT MICROCHIP-11AA080T-I/TT Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11AA080T-ITO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com