Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF6.0CA-TP Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMF6.0CA-TP
Description  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF6.0CA-TP Datasheet(HTML) 4 Page - Micro Commercial Components

  SMF6.0CA-TP Datasheet HTML 1Page - Micro Commercial Components SMF6.0CA-TP Datasheet HTML 2Page - Micro Commercial Components SMF6.0CA-TP Datasheet HTML 3Page - Micro Commercial Components SMF6.0CA-TP Datasheet HTML 4Page - Micro Commercial Components SMF6.0CA-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micro Commercial Components
MCC
TM
Revision: 3
2010/07/02
www.mccsemi.com
4 of 5
SMF5.0CA THRU SMF170CA
Electrical Characteristics
Fig. 1 - Peak Pulse Power Rating
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
0.1
1
10
0.1 µs 1.0 µs
10 µs
td - Pulse Width (s)
100 µs 1.0 ms 10 ms
Non-repetitive pulse
waveform shown in fig. 3
T A = 25 °C
0
25
50
75
100
0
75
25
50
100 125 150 175 200
TA - Ambient Temperature
0
50
100
150
TJ = 25 °C
pulse width (td) is
defined as the point
where the peak current
decays to 50 % of IPPM
Peak value
IPPM
Half value
IPPM
td
10/100 s waveform
as defined by R.E.A.
0
1
2
3
4
t - Time (ms)
tr=10 µs
I
PPM
2


Similar Part No. - SMF6.0CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF6.0CA MCC-SMF6.0CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SAMYANG ELECTRONICS CO....
SMF6.0CA SAMYANG-SMF6.0CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMF6.0CA LUGUANG-SMF6.0CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Microdiode Electronics ...
SMF6.0CA CHENDA-SMF6.0CA Datasheet
1,012Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
SMF6.0CA GXELECTRONICS-SMF6.0CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results

Similar Description - SMF6.0CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com