Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE62-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # P6KE62-TP
Description  600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P6KE62-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  P6KE62-TP Datasheet HTML 1Page - Micro Commercial Components P6KE62-TP Datasheet HTML 2Page - Micro Commercial Components P6KE62-TP Datasheet HTML 3Page - Micro Commercial Components P6KE62-TP Datasheet HTML 4Page - Micro Commercial Components P6KE62-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCC
TM
Micro Commercial Components
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current versus Initial
Junction Temperature
Figure 3. Pulse Waveform
td - Pulse Width (sec.)
0.1
1
10
100
1.0 ms
10 ms
0.1 µs
1.0 µs
10 µs
100 µs
Non-repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
100
50
0
0
1.0
2.0
3.0
4.0
150
tr = 10 µsec.
Peak Value
IPPM
10/1000 µsec. Waveform
as defined by R.E.A.
TJ = 25 °C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
Half Value -
IPPM
IPP
2
td
t - Time (ms)
Figure 4. Typical Junction Capacitance Uni-Directional
Figure 5. Power Derating Curve
Figure 6. Maximum Non-Repetitive Forward Surge Current
10
100
1000
6000
10
100
200
1.0
V(BR) - Breakdown Voltage (V)
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Measured at
Zero Bias
Measured at Stand-off
Voltage VWM
6
5
4
3
2
1
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
200
100
50
10
1
5
10
50
100
Number of Cycles at 60 Hz
Uni-Directional Only
TJ = TJ max.
8.3 ms Single Half Sine-Wave
P6KE6.8 thru P6KE540A
www.mccsemi.com
2 of 5
Revision: 8
2009/10/26


Similar Part No. - P6KE62-TP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P6KE62-G COMCHIP-P6KE62-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE62-G COMCHIP-P6KE62-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE62-LF SIRECT-P6KE62-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE62-TP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com