Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX31CJMN4D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX31CJMN4D
Description  Multimedia Applications Processors for Industrial and Automotive Products
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31CJMN4D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX31CJMN4D Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
© Freescale Semiconductor, Inc., 2005–2010. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: MCIMX31C
Rev. 4.3, 2/2010
MCIMX31C and
MCIMX31LC
Package Information
Plastic Package
Case 1931 19 x 19 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
1
Introduction
The MCIMX31C and MCIMX31LC multimedia
applications processors represent the next step in
low-power, high-performance application processors.
Unless otherwise specified, the material in this data sheet
is applicable to both the MCIMX31C and MCIMX31LC
processors and referred to singularly throughout this
document as MCIMX31C. The MCIMX31LC does not
include a graphics processing unit (GPU).
Based on an ARM11™ microprocessor core, the
MCIMX31C provides the performance with low power
consumption required by modern digital devices such
as:
Automotive infotainment and navigation
Industrial control (human interface)
The MCIMX31C takes advantage of the
ARM1136JF-S™ core running at 400 MHz, and is
optimized for minimal power consumption using the
most advanced techniques for power saving (DVFS,
power gating, clock gating). With 90 nm technology and
dual-Vt transistors (two threshold voltages), the
MCIMX31C and
MCIMX31LC
Multimedia Applications
Processors for Industrial and
Automotive Products
Contents
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
Ordering Information . . . . . . . . . . . . . . . . . . . . . .3
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Functional Description and Application Information 4
ARM11 Microprocessor Core . . . . . . . . . . . . . . . .4
Module Inventory . . . . . . . . . . . . . . . . . . . . . . . . .6
Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . .9
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . .9
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . .9
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . .15
Module-Level Electrical Specifications . . . . . . . .16
Package Information and Pinout . . . . . . . . . . . . . .99
MAPBGA Production Package 473 19 x 19 mm,
0.8 mm Pitch . . . . . . . . . . . . . . . . . . . . . .100
Product Documentation . . . . . . . . . . . . . . . . . . . .106
Revision History . . . . . . . . . . . . . . . . . . . . . . . .107


Similar Part No. - MCIMX31CJMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31CJMN4C FREESCALE-MCIMX31CJMN4C Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31CJMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com