Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX31CJMN4D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCIMX31CJMN4D
Description  Multimedia Applications Processors for Industrial and Automotive Products
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31CJMN4D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCIMX31CJMN4D Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31CJMN4D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Functional Description and Application Information
MCIMX31C/MCIMX31LC Technical Data, Rev. 4.3
Freescale Semiconductor
5
Instruction and data memory management units (MMUs), managed using micro TLB structures
backed by a unified main TLB
Instruction and data L1 caches, including a non-blocking data cache with Hit-Under-Miss
Virtually indexed/physically addressed L1 caches
64-bit interface to both L1 caches
Write buffer (bypassable)
High-speed Advanced Micro Bus Architecture (AMBA)L2 interface
Vector Floating Point co-processor (VFP) for 3D graphics and other floating-point applications
hardware acceleration
•ETMand JTAG-based debug support
2.1.1
Memory System
The ARM1136JF-S complex includes 16 KB Instruction and 16 KB Data L1 caches. It connects to the
MCIMX31C L2 unified cache through 64-bit instruction (read-only), 64-bit data read/write
(bi-directional), and 64-bit data write interfaces.
The embedded 16K SRAM can be used for audio streaming data to avoid external memory accesses for
the low-power audio playback, for security, or for other applications. There is also a 32-KB ROM for
bootstrap code and other frequently-used code and data.
A ROM patch module provides the ability to patch the internal ROM. It can also initiate an external boot
by overriding the boot reset sequence by a jump to a configurable address.
Table 2 shows information about the MCIMX31C core in tabular form.
Table 2. MCIMX31C Core
Core
Acronym
Core
Name
Brief Description
Integrated Memory
Includes
ARM11 or
ARM1136
ARM1136
Platform
The ARM1136™ Platform consists of the ARM1136JF-S core, the ETM
real-time debug modules, a 6 x 5 multi-layer AHB crossbar switch (MAX), and a
Vector Floating Processor (VFP).
The MCIMX31C provides a high-performance ARM11 microprocessor core and
highly integrated system functions. The ARM Application Processor (AP) and
other subsystems address the needs of the personal, wireless, and portable
product market with integrated peripherals, advanced processor core, and
power management capabilities.
• 16 Kbyte
Instruction Cache
• 16 Kbyte Data
Cache
• 128 Kbyte L2
Cache
• 32 Kbyte ROM
• 16 Kbyte RAM


Similar Part No. - MCIMX31CJMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31CJMN4C FREESCALE-MCIMX31CJMN4C Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31CJMN4D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com