Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5551 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MMBT5551
Description  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5551 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MMBT5551 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zowie Technology Corporation
Characteristic
Symbol
Min.
Max.
Unit
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued)
HFE
80
80
30
-
250
-
-
ON CHARACTERISTICS
VCE(sat)
Vdc
DC Current Gain
( IC= 1.0 mAdc, VCE= 5.0 Vdc )
( IC= 10 mAdc, VCE= 5.0 Vdc )
( IC= 50 mAdc, VCE= 5.0 Vdc )
Collector-Emitter Saturation Voltage
( IC= 10 mAdc, IB= 1.0 mAdc )
( IC= 50 mAdc, IB= 5.0 mAdc )
-
-
0.15
0.20
VBE(sat)
Vdc
Base-Emitter Saturation Voltage
( IC= 10 mAdc, IB= 1.0 mAdc )
( IC= 50 mAdc, IB= 5.0 mAdc )
-
-
1.0
1.0
Zowie Technology Corporation
REV. : 0


Similar Part No. - MMBT5551

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Micro Commercial Compon...
MMBT5551 MCC-MMBT5551 Datasheet
68Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
SHIKUES Electronics
MMBT5551 SKTECHNOLGY-MMBT5551 Datasheet
1Mb / 4P
   NPN Silicon
logo
Guangdong Kexin Industr...
MMBT5551 KEXIN-MMBT5551 Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - MMBT5551

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com