Electronic Components Datasheet Search |
|
MCIMX31LC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MCIMX31LC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 108 page Electrical Characteristics MCIMX31C/MCIMX31LC Technical Data, Rev. 4.3 Freescale Semiconductor 11 NOTES 1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. 2. Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC specification for this package. 3. Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for the specified package. 4. Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer. 5. Thermal characterization parameter indicating the temperature difference between the package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT. Junction to Ambient (@200 ft/min) Four layer board (2s2p) RθJMA 25 °C/W 1, 2, 3 Junction to Board — RθJB 19 °C/W 1, 3 Junction to Case (Top) — RθJCtop 10 °C/W 1, 4 Junction to Package Top (natural convection) — ΨJT 2°C/W 1, 5 Table 6. Thermal Resistance Data—19 × 19 mm Package (continued) Rating Board Symbol Value Unit Notes |
Similar Part No. - MCIMX31LC |
|
Similar Description - MCIMX31LC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |