Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I.MX27 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 27Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 28Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 29Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 30Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 31Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 32Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 33Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 34Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
31
Signal Descriptions
Note: KP_COL[7:6] and KP_ROW[7:6] are multiplexed with UART2 signals as show above, also see UARTs table.
PWM
PWMO
PWM Output. This signal is multiplexed with PC_SPKOUT of PCMCIA, as well as TOUT2 and
TOUT3 of the General Purpose Timer module; PE5.
CSPI (X3)
CSPI1_MOSI
Master Out/Slave In signal, PD31
CSPI1_MISO
Master In/Slave Out signal, PD30
CSPI1_SS[2:0]
Slave Select (Selectable polarity) signal, the CSPI1_SS2 is multiplexed with
USBH2_DATA5/RCV; and CSPI1_SS1 is multiplexed with EXT_DMAGRANT; PD26–28.
CSPI1_SCLK
Serial Clock signal, PD29
CSPI1_RDY
Serial Data Ready signal, shared with Ext_DMAReq_B signal; PD25
CSPI2_MOSI
Master Out/Slave In signal, multiplexed with USBH2_DATA1/TXDP; PD24
CSPI2_MISO
Master In/Slave Out signal, multiplexed with USBH2_DATA2/TXDm; PD23
CSPI2_SS[2:0]
Slave Select (Selectable polarity) signals, multiplexed with USBH2_DATA4/RXDM,
USBH2_DATA3/RXDP, USBH2_DATA6/SPEED; PD19–PD21
CSPI2_SCLK
Serial Clock signal, multiplexed with USBH2_DATA0/OEn; PD22
Note: CSPI3 CSPI3_MOSI, CSPI3_MISO, CSPI3_SS, andCSPI3_SCLK are multiplexed with SD1 signals.
I2C
I2C2_SCL
I2C2 Clock, through GPIO, multiplexed with SLCDC_data8; PC6
I2C2_SDA
I2C2 Data, through GPIO, multiplexed with SLCDC_data7; PC5
I2C_CLK
I2C1 Clock; PD18
I2C_DATA
I2C1 Data; PD17
CMOS Sensor Interface
CSI_HSYNC
Sensor port horizontal sync, multiplexed with UART5_RTSP; PB21
CSI_VSYNC
Sensor port vertical sync, multiplexed with UART5_CTS; PB20
CSI_D7
Sensor port data, multiplexed with UART5_RXD; PB19
CSI_D6
Sensor port data, multiplexed with UART5_TXD; PB18
CSI_D5
Sensor port data; PB17
CSI_PIXCLK
Sensor port data latch clock; PB16
CSI_MCLK
Sensor port master clock, PB15
CSI_D4
Sensor port data, PD14
CSI_D3
Sensor port data, multiplexed with UART6_RTS; PB13
CSI_D2
Sensor port data, multiplexed with UART6_CTS; PB12
Table 3. i.MX27/MX27L Signal Descriptions (continued)
Pad Name
Function/Notes


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com