Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP336E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP336E
Description  3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP336E Datasheet(HTML) 5 Page - Exar Corporation

  SP336E Datasheet HTML 1Page - Exar Corporation SP336E Datasheet HTML 2Page - Exar Corporation SP336E Datasheet HTML 3Page - Exar Corporation SP336E Datasheet HTML 4Page - Exar Corporation SP336E Datasheet HTML 5Page - Exar Corporation SP336E Datasheet HTML 6Page - Exar Corporation SP336E Datasheet HTML 7Page - Exar Corporation SP336E Datasheet HTML 8Page - Exar Corporation SP336E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SP336E
5
REV. 1.0.0
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
PIN DESCRIPTIONS
Pin Assignments
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
SINGLE ENDED
FULL-DUPLEX
HALF-DUPLEX
1
T4_In
I
T4 Driver TTL input.
T3 Driver Enable
Active High.
T3 Driver Enable
Active High, R3 Enable
Active Low.
2
Mode_1
I
Mode Configuration pin 1.
3
T4_Out
O
T4 Driver Output.
T3(A) Output.
T3(A) Output,
R3(A) Input.
4
T3_Out
O
T3 Driver Output.
T3(B) Output.
T3(B) Output,
R3(B) Input.
5
Vcc
Pwr
Power Supply Voltage.
6
T1_Out
O
T1 Driver Output.
T1(A) Output.
T1(A) Output,
R1(A) Input.
7
T2_Out
O
T2 Driver Output.
T1(B) Output.
T1(B) Output,
R1(B) Input.
8
GND
Pwr
Ground.
9
C1+
Pmp
Positive terminal of positive flying capacitor.
10
V+
Pmp
Vdd storage capacitor.
11
C2+
Pmp
Positive terminal of negative flying capacitor.
12
C1-
Pmp
Negative terminal of positive flying capacitor.
13
C2-
Pmp
Negative terminal of negative flying capacitor.
14
V-
Pmp
Vss storage capacitor.
15
R1_In
I
R1 Receiver Input.
R1(A) Receiver Input.
High Impedance.
16
R2_In
I
R2 Receiver Input.
R1(B) Receiver Input.
R2 Receiver Input.
17
R3_In
I
R3 Receiver Input.
R3(A) Receiver Input.
High Impedance.
18
R4_In
I
R4 Receiver Input.
R3(B) Receiver Input.
R4 Receiver Input.
19
R1_Out
I
R1 Receiver Output.
20
R2_Out
I
R2 Receiver Output.
High Impedance.
R2 Receiver Output.
21
R3_Out
I
R3 Receiver Output.
22
R4_Out
I
R4 Receiver Output.
High Impedance.
R4 Receiver Output.
23
Mode_2
I
Mode Configuration pin 2.
24
Mode_0
I
Mode Configuration pin 0.
25
SLEW
I
Slew Rate Control. Logic Low input will limit driver slew from either RS-232
or RS-485 to 250kbps.
26
T1_In
I
T1 Driver Input.


Similar Part No. - SP336E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
   Halogen?릃ree Green
More results

Similar Description - SP336E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EEY-L EXAR-SP337EEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com