Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13224V Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC13224V
Description  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224V Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13224V Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13224V Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
MC13224V Technical Data, Rev. 1.2
Freescale Semiconductor
11
programmed parameters and have selectable sizes of RAM retention. Hibernate has lowest power,
but Doze allows high accuracy sleep timing. The CRM manages the recovery from low power,
similar to power-up from reset, providing regulator and clock management.
— Wake-up can be based on external interrupts through 4 KBI inputs
— Wake-up can be from internal interrupts
— Wake-up can be based on an RTI (wake-up) timer.
The RTI timer has two possible frequency sources that provide a very low power wake-up option
from sleep
— One option is an onboard, low accuracy 2 kHz oscillator
— A second option is to add an external 32.768 kHz crystal for the RTI clock source
— A 32-bit timer allows greater than a 36.4 hour wake-up delay with the 32.768 crystal oscillator
Other features of the CRM:
— An optional COP watchdog timer to monitor CPU program activity
— A programmable software reset
2.6.3
Optional Buck Regulator
For battery based applications, an optional buck regulator is provided to maximize battery life. Figure 4
shows the configuration of the buck regulator versus the normal connection. An onboard MOSFET is used
as a switch with an external 100
μH inductor and 10μF capacitor when the buck regulator is enabled.
The buck regulator drops the higher battery voltage to 1.8 - 2.0 Vdc that is applied to the onboard linear
regulators. This allows lower net current from the battery to maximize the life of the battery.
Figure 4. Optional Buck Regulator
2.6.4
Battery Detect
An optional feature of the ADC module is battery voltage detect. Programmable thresholds are provided
for an ADC analog sample channel to monitor the battery high voltage and battery low voltage. This
feature can be used as a trigger to provide low battery indication, protection for data that may be lost due
to end-of-life for the battery, monitoring charging, and controlling buck regulator operation.
VBATT
COIL_BK
LR EG_BK_F B
VDD
NC
LREG_BK_F B
VDD
L2
100uH
C2
10uF
COIL_BK
VBATT
Normal Operation
D1
DIODE SCHOTTKY
Buck Regulator Enabled


Similar Part No. - MC13224V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224V NXP-MC13224V Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
More results

Similar Description - MC13224V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com