Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVA18XL840 Datasheet(PDF) 2 Page - Microchip Technology

Part # DVA18XL840
Description  Processor Module and Device Adapter Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA18XL840 Datasheet(HTML) 2 Page - Microchip Technology

  DVA18XL840 Datasheet HTML 1Page - Microchip Technology DVA18XL840 Datasheet HTML 2Page - Microchip Technology DVA18XL840 Datasheet HTML 3Page - Microchip Technology DVA18XL840 Datasheet HTML 4Page - Microchip Technology DVA18XL840 Datasheet HTML 5Page - Microchip Technology DVA18XL840 Datasheet HTML 6Page - Microchip Technology DVA18XL840 Datasheet HTML 7Page - Microchip Technology DVA18XL840 Datasheet HTML 8Page - Microchip Technology DVA18XL840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MPLAB® ICE 2000
DS51140M-page 2
© 2006 Microchip Technology Inc.
2.4
Flex Circuit Cable
Once the processor module is inserted into the
emulator pod, the flex circuit cable extends the
emulator system to the target application. This is a
custom cable that is attached inside the processor
module enclosure, and can be replaced in the field by
removing the end cap of the processor module
enclosure.
Please, DO NOT PULL on the flex circuit cable to
remove the processor module from the pod. Use the
fins of the processor module end cap to leverage the
module from the pod.
Emulator analog functions may not operate within the
performance specifications published in the device
data sheet due to parasitic capacitance (up to 120 pf)
of the flex cable.
2.5
Device Adapter
The device adapter provides a common interface for
the device being emulated. It is provided in standard
DIP and PLCC styles. The adapter also contains a spe-
cial device that provides an oscillator clock to accu-
rately emulate the oscillator characteristics of the
PICmicro MCU.
Due to components on the device adapter, which
require target power, the device adapter should be
removed from the flex circuit cable (see Figure 2-1)
when emulator power is being used and the processor
module is not connected to the target. This will
eliminate any loading effects on I/O pins.
2.6
Transition Socket
Transition Sockets are available in various styles to
allow a common device adapter to be connected to one
of the supported surface mount package styles. Transi-
tion sockets are available for various pin counts and
pitches for SOIC, QFP and other styles. For more infor-
mation on transition sockets, see the “MPLAB® ICE
2000/4000 Transition Socket Specification” (DS51194).
An emulator system consists of the following
components which can be ordered separately:
• An emulator pod (including the host-to-pod cable
and power supply)
• A processor module (including the flex circuit
cable)
• A device adapter
• An optional transition socket (for surface mount
emulation)
3.0
EMULATOR-RELATED ISSUES
General limitations that apply to the MPLAB ICE 2000
emulator may be found in the on-line help. Select
Help>Topics and then select “MPLAB ICE 2000” under
“Debuggers”.
Device-specific limitations can be found as above or by
selecting Debugger>Settings, clicking the Limitations
tab, and then clicking the Details button.
4.0
PROCESSOR MODULES
Processor modules are identified on the top of the
assembly (e.g., PCM18XA0). To determine which
processors are supported by a specific module, refer to
the file “Readme for MPLAB ICE 2000.txt” in the
MPLAB IDE installation directory or the latest “Product
Selector Guide” (DS00148), which can be found on the
Microchip web site at www.microchip.com.
A typical processor module contains a special bond-out
version of a PICmicro MCU, with device buffers to
control data flow and control logic. It provides the
means of configuring the MPLAB ICE 2000 emulator
for a specific PICmicro MCU family and handles
low-voltage emulation when needed.
4.1
Power
The operating voltage for most of the control logic and
buffering on the processor module is +5V and is
supplied by the emulator pod. Power to the emulator
processor and some of its surrounding buffers is user-
selectable, and can be powered by the emulator pod
(at +5V only) or the target application system (from
2.0V to 5.5V). This is software selectable and is
configurable through the MPLAB® IDE software. At no
time will the emulator system directly power the target
application system. ALWAYS insert the processor
module into the emulator pod before applying power to
the pod.
When connecting to a target application system, there
may be a voltage level on the target application even
though power has not yet been applied to the target
application circuit. This is normal, and is due to current
leakage through VCC of the device adapter. The current
leakage will typically be less than 20 mA. However, if
the target application is using a voltage regulator, it
should be noted that some regulators require the use of
an external shunt diode between VIN and VOUT for
reverse-bias protection. Refer to the manufacturer’s
data sheets for additional information.
Note:
When removing the processor module, DO
NOT PULL on the flex cable. Use the tabs
on the processor module or damage to the
flex cable may occur.


Similar Part No. - DVA18XL840

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
   AC Voltage and Current Detector
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
   Non-Contact AC Voltage and Current Detector
logo
VPT, Inc.
DVAB2800D VPT-DVAB2800D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805D VPT-DVAB2805D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805DFES VPT-DVAB2805DFES Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVA18XL840

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM122ADCW6 ETC1-TM122ADCW6 Datasheet
761Kb / 16P
   DEVICE SPECIFICATION FOR LCD MODULE
logo
Sharp Corporation
LQ084V2DS01 SHARP-LQ084V2DS01 Datasheet
1,023Kb / 16P
   DEVICE SPECIFICATION FOR TFT-LCD Module
LQ9D161 SHARP-LQ9D161 Datasheet
1,018Kb / 20P
   DEVICE SPECIFICATION FOR TFT-LCD module
LQ035Q7DH02F SHARP-LQ035Q7DH02F Datasheet
427Kb / 24P
   DEVICE SPECIFICATION FOR TFT-LCD MODULE
LM057QCTT03 SHARP-LM057QCTT03 Datasheet
1Mb / 25P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM10V335 SHARP-LM10V335 Datasheet
896Kb / 29P
   DEVICE SPECIFICATION for Passive Matrix Color LCD Module
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Silicom Ltd.
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
   Protocol Processor ExpressModule Server Adapter
logo
Sharp Corporation
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com