Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65640A-LTXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C65640A-LTXC
Description  TetraHub??High Speed USB Hub Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65640A-LTXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C65640A-LTXC Datasheet HTML 5Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 6Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 7Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 8Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 9Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 10Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 11Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 12Page - Cypress Semiconductor CY7C65640A-LTXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CY7C65640A
Document #: 38-08019 Rev. *J
Page 9 of 23
Table 6. Endpoint Descriptor
Table 7. Interface Descriptor[3]
I
Table 8. Endpoint Descriptor[3]
Table 9. Device Qualifier Descriptor
Byte
Full Speed
High Speed
Field Name
Description
0
0x07
0x07
bLength
7 Bytes
1
0x05
0x05
bDescriptorType
ENDPOINT_DESCRIPTOR
2
0x81
0x81
bEndpointAddress
IN Endpoint #1
3
0x03
0x03
bmAttributes
Interrupt
4,5
0x0001
0x0001
wMaxPacketSize
Maximum Packet Size
6
0xFF
0x0C
bInterval
Polling Rate
Byte
Full Speed
High Speed
Field Name
Description
0
N/A
0x09
bLength
9 Bytes
1
N/A
0x04
bDescriptorType
INTERFACE_DESCRIPTOR
2
N/A
0x00
bInterfaceNumber
Interface Descriptor Index
3
N/A
0x01
bAlternateSetting
Alternate Setting for the Interface
4
N/A
0x01
bNumEndpoints
Number of Endpoints Defined
5
N/A
0x09
bInterfaceClass
Interface Class
6
N/A
0x00
bInterfaceSubClass
Interface Sub-Class
7
N/A
0x02
bInterfaceProtocol
Interface Protocol
8
N/A
0x00
bInterface
Interface String Index
Note
3. If TetraHub is configured for single-TT only (from the external EEPROM), this descriptor is not present.
Byte
Full Speed
High Speed
Field Name
Description
0
N/A
0x07
bLength
7 Bytes
1
N/A
0x05
bDescriptorType
ENDPOINT_DESCRIPTOR
2
N/A
0x81
bEndpointAddress
IN Endpoint #1
3
N/A
0x03
bmAttributes
Interrupt
4,5
N/A
0x0001
wMaxPacketSize
Maximum Packet Size
6
N/A
0x0C
bInterval
Polling Rate
Byte
Full Speed
High Speed
Field Name
Description
0
0x0A
0x0A
bLength
10 Bytes
1
0x06
0x06
bDescriptorType
DEVICE_QUALIFIER
2,3
0x0200
0x0200
bcdUSB
4
0x09
0x09
bDeviceClass
5
0x00
0x00
bDeviceSubClass
6
0x02
0x00
bDeviceProtocol
7
0x40
0x40
bMaxPacketSize0
8
0x01
0x01
bNumConfigurations
9
0x00
0x00
bReserved
[+] Feedback


Similar Part No. - CY7C65640A-LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A-LTXC CYPRESS-CY7C65640A-LTXC Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
CY7C65640A-LTXCKM CYPRESS-CY7C65640A-LTXCKM Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
CY7C65640A-LTXCT CYPRESS-CY7C65640A-LTXCT Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY7C65640A-LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com