Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5464U Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5464U
Description  CDB5464U Engineering Borad and GUI Software
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5464U Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5464U Datasheet HTML 1Page - Cirrus Logic CDB5464U Datasheet HTML 2Page - Cirrus Logic CDB5464U Datasheet HTML 3Page - Cirrus Logic CDB5464U Datasheet HTML 4Page - Cirrus Logic CDB5464U Datasheet HTML 5Page - Cirrus Logic CDB5464U Datasheet HTML 6Page - Cirrus Logic CDB5464U Datasheet HTML 7Page - Cirrus Logic CDB5464U Datasheet HTML 8Page - Cirrus Logic CDB5464U Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CDB5464U
4
DS847DB1
1.3
Analog Section
The CDB5464U evaluation board provides screw-type terminals (J23, J27, & J28) to connect input signals
to the voltage and current channels. The screw terminals are labels as VIN1-, VIN1+, IIN1+, IIN1-, and
IIN2+, IIN2-. An R-C network at each channel input provides a simple anti-alias filter.
The evaluation board provides three voltage reference options for VREFIN to the CS5464. The three volt-
age reference options include: VREFOUT from CS5464, the on-board +2.5V reference, and external
REF+ (screw terminal J14). Table 1 and Table 2 illustrate the options available for VREFIN. With a jumper
on J25 in the position labeled VREFOUT, the reference is supplied by the on-chip voltage reference. With
a jumper on J25 in the position labeled VREF, the reference is supplied by an off-chip voltage reference.
Table 2
illustrates the options available for VREF. With a jumper on J12 in position LT1019, the LT1019
provides a +2.5V reference (the LT1019 was chosen for its low drift - typically 5 ppm/°C). By setting the
jumper on J12 to position REF+, an external voltage reference is supplied via screw terminal J14's REF+
input.
The three input signal options for the voltage (VIN1±) and current (IIN1±, IIN2±) channels input include:
an external signal (screw terminals J23, J27, and J28), GND, or VREF. Table3 illustrates the options avail-
able. By installing jumpers on J17 to position VIN1-, J22 to position VIN1+, J24 to position IIN1+, J26 to
position IIN1-, J20 to position IIN2+, and J19 to position IIN2-, the input voltage signal is supplied from the
screw terminals J23, J27, and J28. With a jumper on J17, J22, J24, J26, J20, and J19 in the GND position,
Reference
Description
J25
VREFOUT
Selects On-chip
Reference (25 ppm/
°C)
VREF
Selects External or
LT1019 Reference(J12)
Table 1. Internal Voltage Reference Selection for VREF
Reference
Description
J12
LT1019
Selects On-board
LT1019 Reference
(5 ppm/
°C)
REF+
Selects External
Reference Source
(J14)
Table 2. External Voltage Reference Selection for VREF
O
O
VREF
VREFIN
VREFOUT
(Default)
O
O
VREF
VREFIN
VREFOUT
O VREF
O
O VREF
LT1019
REF+
O VREF
O
O VREF
LT1019
REF+
(Default)


Similar Part No. - CDB5464U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460AU CIRRUS-CDB5460AU Datasheet
1Mb / 38P
   Voltage and Current Interface
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5461AU CIRRUS-CDB5461AU Datasheet
1Mb / 36P
   Voltage and Current Interface
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
More results

Similar Description - CDB5464U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5484U CIRRUS-CDB5484U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
CDB5467U CIRRUS-CDB5467U Datasheet
1Mb / 38P
   CDB5467U Engineering Board and GUI Software
CDB5490U CIRRUS-CDB5490U Datasheet
4Mb / 46P
   CDB5490U Engineering Board and GUI Software
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
List of Unclassifed Man...
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
   GUI Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com