Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11LC021-ICS16K Datasheet(PDF) 3 Page - Microchip Technology

Part # 11LC021-ICS16K
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC021-ICS16K Datasheet(HTML) 3 Page - Microchip Technology

  11LC021-ICS16K Datasheet HTML 1Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 2Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 3Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 4Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 5Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 6Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 7Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 8Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 3
11AAXXX/11LCXXX
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
SCIO w.r.t. VSS.....................................................................................................................................-0.6V to VCC+1.0V
Storage temperature ................................................................................................................................. -65°C to 150°C
Ambient temperature under bias............................................................................................................... -40°C to 125°C
ESD protection on all pins.......................................................................................................................................... 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 2.5V to 5.5V
TA = -40°C to +85°C
VCC = 1.8V to 2.5V
TA = -20°C to +85°C
Automotive (E):
VCC = 2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
D1
VIH
High-level input
voltage
0.7*VCC
VCC+1
V
D2
VIL
Low-level input
voltage
-0.3
-0.3
0.3*VCC
0.2*VCC
V
V
VCC
2.5V
VCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs (SCIO)
0.05*Vcc
V
VCC
2.5V (Note 1)
D4
VOH
High-level output
voltage
VCC -0.5
VCC -0.5
V
V
IOH = -300
A, VCC = 5.5V
IOH = -200
A, Vcc = 2.5V
D5
VOL
Low-level output
voltage
0.4
0.4
V
V
IOI = 300
A, VCC = 5.5V
IOI = 200
A, Vcc = 2.5V
D6
IO
Output current limit
(Note 2)
±4
±3
mA
mA
VCC = 5.5V (Note 1)
Vcc = 2.5V (Note 1)
D7
ILI
Input leakage current
(SCIO)
—±1
AVIN = VSS or VCC
D8
CINT
Internal Capacitance
(all inputs and
outputs)
—7
pF
TA = 25°C, FCLK = 1 MHz,
VCC = 5.0V (Note 1)
D9
ICC Read Read Operating
Current
3
1
mA
mA
VCC=5.5V; FBUS=100 kHz, CB=100 pF
VCC=2.5V; FBUS=100 kHz, CB=100 pF
D10
ICC Write Write Operating
Current
5
3
mA
mA
VCC = 5.5V
VCC = 2.5V
D11
Iccs
Standby Current
5
1
A
A
VCC = 5.5V
TA = 125°C
VCC = 5.5V
TA = 85°C
D12
ICCI
Idle Mode Current
50
AVCC = 5.5V
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
The SCIO output driver impedance will vary to ensure IO is not exceeded.


Similar Part No. - 11LC021-ICS16K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11LC020 MICROCHIP-11LC020 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC020-E/MNY MICROCHIP-11LC020-E/MNY Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC020-E/MS MICROCHIP-11LC020-E/MS Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC020-E/P MICROCHIP-11LC020-E/P Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11LC020-E/SN MICROCHIP-11LC020-E/SN Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11LC021-ICS16K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com