Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE8.2A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1.5KE8.2A
Description  1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1.5KE8.2A Datasheet(HTML) 2 Page - Micro Commercial Components

  1.5KE8.2A Datasheet HTML 1Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 2Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 3Page - Micro Commercial Components 1.5KE8.2A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

A1/0B 1B=21A1/)A0>/0A)>
%-&@)>)A0)>

   -%)1@>)()AA1/0B A) -3>)=)A1/0B A)

 -6>)(1)A$ -/C01<B/0B110/1B)

 -&>/)1=C>/1/)()A=)A1/0B A) -4$1F0$$BBA))/0/0))1@A(1A=
>A )AA)B/B0=0A)/0B1
www.mccsemi.com
MCC


Similar Part No. - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE8.2A TRSYS-1.5KE8.2A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE8.2A CHENDA-1.5KE8.2A Datasheet
841Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
MIC GROUP RECTIFIERS
1.5KE8.2A MIC-1.5KE8.2A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE8.2A NJSEMI-1.5KE8.2A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE8.2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Solid States Devices, I...
ST1.5KA7.5 SSDI-ST1.5KA7.5 Datasheet
463Kb / 2P
   1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS
logo
Littelfuse
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com