Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8302 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCS8302
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8302 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCS8302 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8302 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8302
2009-09-29
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Common source
Pulse test
0
10
20
30
40
50
60
70
80
−80
−40
0
40
80
120
160
VGS = −2 V
VGS = −2.5 V
VGS = −4.5 V
ID = −5 A
−2.5 A
−2 A
Common source
Ta
= 25°C
Pulse test
0
0.2
0.4
0.6
0.8
1.0
1.2
−0.1
−3
−100
−0.3
−1
−10
−30
−5 V
−3 V
−1 V
0 V
VGS = 1 V
Common source
Ta
= 25°C
VGS = 0 V
f
= 1 MHz
Ciss
Coss
Crss
100
1000
10000
10
30
300
3000
−0.1
−1
−10
−100
−0.3
−3
−30
−80
−40
0
40
80
160
120
Common source
VDS = −10 V
ID = −200 μA
Pulse test
0
−1.0
−1.2
−0.8
−0.2
−0.4
−0.6
−4 V
Common source
ID = −5 A
Ta
= 25°C, Pulse test
0
−2
−4
−6
−8
−10
VDD = −16 V
0
−4
−8
−12
−16
−20
0
10
30
35
20
VDS
−8 V
−8 V
−4 V
VDD = −16 V
VGS
(1)
(4)
(3)
(2)
0
0.25
0.5
0.75
1.0
1.25
0
40
80
160
120
200
Device mounted on a glass-epoxy board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual
operation (Note 3b)
t
= 10 s


Similar Part No. - TPCS8302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8302 TOSHIBA-TPCS8302 Datasheet
369Kb / 7P
   Lithium lon Battery Applications Notebook PC Applications Portable Machines and Tools
TPCS8302 TOSHIBA-TPCS8302 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPCS8302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com