Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZG2101M Datasheet(PDF) 9 Page - Microchip Technology

Part # ZG2101M
Description  2.4 GHz 802.11b Low Power Transceiver Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZG2101M Datasheet(HTML) 9 Page - Microchip Technology

Back Button ZG2101M Datasheet HTML 5Page - Microchip Technology ZG2101M Datasheet HTML 6Page - Microchip Technology ZG2101M Datasheet HTML 7Page - Microchip Technology ZG2101M Datasheet HTML 8Page - Microchip Technology ZG2101M Datasheet HTML 9Page - Microchip Technology ZG2101M Datasheet HTML 10Page - Microchip Technology ZG2101M Datasheet HTML 11Page - Microchip Technology ZG2101M Datasheet HTML 12Page - Microchip Technology ZG2101M Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ZG2100M/ZG2101M
© 2010 Microchip Technology
DS70624A – page 9
2.3
ZG2100 Power States
The power state definitions are as follows:
VDD_3.3
CE_N
Circuitry
OFF
0V
0V
Power disconnected to ZG2100
HIBERNATE
3.3V
3.3V
All internal circuitries are OFF
SLEEP
3.3V
0V
Reference clock and internal bias circuitry are ON
RX ON
3.3V
0V
Receive circuits are ON
TX ON
3.3V
0V
Transmit circuits are ON
STANDBY
Transition State Only
Figure 3: ZG2100M/ZG2101M Power State Diagram


Similar Part No. - ZG2101M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZG28800 MACOM-ZG28800 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
ZG28801 MACOM-ZG28801 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
More results

Similar Description - ZG2101M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
   2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
List of Unclassifed Man...
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
   Low Power High Performance 2.4 GHz GFSK Transceiver Module
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com