Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCA8045-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCA8045-H
Description  High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8045-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCA8045-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8045-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8045-H
2009-04-22
6
t =1 ms*
VDSS max
t =10 ms*
10
100
1000
0.1
10
1
1
100
0.01
0.1
3.0
2.0
0
1.5
2.5
1.0
0.5
0
40
80
120
160
(1)
(2)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
(2)
(1)
(3)
0.1
Pulse width tw (s)
rth – tw
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Tc = 25℃
Single - pulse
Drain-source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single-pulse
Ta = 25℃
Curves must be derated
linearly with increase in
temperature.
Case temperature TC (°C)
PD – Tc
Ambient temperature Ta (°C)
PD – Ta
(1) Device mounted on a glass-epoxy
board (a) (Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t = 10 s
50
30
20
10
0
0
40
80
120
160
40


Similar Part No. - TPCA8045-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8045-H VBSEMI-TPCA8045-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - TPCA8045-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
   High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com